Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation SC4541 Datasheet HTML 10Page - Semtech Corporation SC4541 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SC4541
7
Typical Characteristics (continued)
300Hz PWM Dimming, 0.1% Duty Cycle
Start-up — by V
IN
Time (2mS/div)
Start up By Vin
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
, SC4541(1120)
SW
IL
VOUT
VIN
IL
(0.2A/div)
VSW
(10V/div)
VOUT
(5V/div)
VIN
(2.5V/div)
Shut Down
Time (5mS/div)
IL
(0.2A/div)
VSW
(10V/div)
VOUT
(5V/div)
VIN
(2.5V/div)
Start-up — by PWM
Time (0.1S/div)
PWM
(3V/div)
IL
(0.3A/div)
VSW
(10V/div)
VOUT
(5V/div)
Main Power Switching
Time (0.5μS/div)
IL
(0.2A/div)
VSW
(5V/div)
VOUT
(50mV/div)
VIN
(1V/div)
5VIN to 12VIN
VIN Fluctuation — Rising
Time (2μS/div)
VSW
(10V/div)
VOUT
(1V/div)
VIN
(5V/div)
12VIN to 5VIN
VIN Fluctuation — Falling
Time (20μS/div)
VSW
(10V/div)
VOUT
(1V/div)
VIN
(5V/div)
Conditions: 5V
IN, 20mA ,6 LEDs in series, CIN/COUT=1µF, L=10µH
Shutdown By Vin
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
, SC4541(1120)
SW
IL
VOUT
VIN
Start up By PWM
Test condition: 5Vin, LEDs=6S1P, R1=10Ω
ΩΩ
Ω
,
SC4541(1120), PWM Dimming 300Hz, 0.1% duty.
SW
IL
VOUT
EN
VIN Fluctuation - Rising
VOUT
SW
VIN
Test condition: 5Vin to 12Vin, LEDs=6S1P,
R1=10Ω
ΩΩ
Ω
, SC4541(1120)
Mail Power Switching
Test condition: 5Vin, LEDs=6S1P, R1=10Ω, SC4541(1120)
SW
IL
VOUT
VIN
VIN Fluctuation - Falling
Test condition: 5Vin to 12Vin, LEDs=6S1P,
R1=10Ω
ΩΩ
Ω
, SC4541(1120)
VOUT
SW
VIN
•
It’s fine under 25°°°°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com