Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4541 Datasheet HTML 1Page - Semtech Corporation SC4541 Datasheet HTML 2Page - Semtech Corporation SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2011 Semtech Corporation
High Frequency LED Driver with
Integrated Schottky and Simple Interconnect
SC4541
POWER MANAGEMENT
1
Typical Application Circuit
IN
EN
FB
OUT
SW
GND
SC4541
PWM
Dimming
VIN 2.9V to 22V
VOUT Up to 25V
C1
1μF
10μF
Boost Topology IOUT up to 100mA
C2
RS
10Ω
1μF
7 WLED @
20mA
L1
Features
„
V
IN Range — 2.9V to 22V
„
V
OUT Range — Up to 25V
„
I
OUT Range:
„
Up to 100mA (Boost)
„
Up to 200mA (Buck)
„
Drives Up to 7 Series WLEDs (Boost)
„
Drives Up to 5 Series WLEDs (Buck)
„
Integrated Schottky Rectifier
„
Single-Wire LED Connect
„
Current Mode Control
„
Frequency — 2.0MHz
„
No External Compensation
„
Direct PWM Dimming
„
100:1 Range at 500Hz
„
Open-LED Protection — 27V
„
Low Shutdown Current < 1µA
„
Package Options:
„
Low Profile MLPD-UT, 6-pin 2x2 x0.6(mm)
„
SOT23, 6-pin 2.9x2.8 x1.45(mm)
„
Lead-free, Halogen-Free and WeEE/RoHS Compliant
Applications
„
Keypad Illumination
„
DSC and DSLR Display Backlight
„
Cellular Handsets
„
Automotive Lighting
Description
The SC4541 is a fully integrated, high voltage boost (step-
up) and buck (step-down) LED driver. The input voltage
range is 2.9V to 22V with output voltage up to 25V. The
device is capable of driving up to 7 white LEDs. The high
side sense enables a single-wire LED connection by taking
advantage of the available system ground. This reduces
connector cost and complexity.
The device includes a current mode PWM controller,
260mA power switch, and high performance Schottky
rectifier. The LED driver eliminates external compensation
components for minimum solution size.
The wide input voltage range and low standby current are
ideal for portable devices. The high input voltage allows
direct connection to multi-cell battery packs which
increases operating efficiency and extends battery life.
Output current is programmed with an external sense
resistor up to 100mA (Boost) or 200mA (Buck). The device
provides ±5% constant current accuracy across the entire
operating temperature range.
A logic level PWM dimming signal may be applied directly
to the enable (EN) pin - for direct PWM dimming with a
wide dimming range. Output OVP (over voltage protec-
tion) protects the SC4541 from open circuit faults in the LED
string or connector. External OVP programming resistors
are not required.
The SC4541 is available in low profile MLPD-UT and
SOT23,6-pin packages. The device is rated across the
temperature range -40°C to +85°C.
Version 1.3


Similar Part No. - SC4541

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC454 SEMTECH-SC454 Datasheet
41Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
SC4540EVB SEMTECH-SC4540EVB Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
SC4540ULTRT SEMTECH-SC4540ULTRT Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
More results

Similar Description - SC4541

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
LED Driver with Integrated Schottky Diode
logo
Maxim Integrated Produc...
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
logo
Linear Technology
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky
logo
Texas Instruments
TPS92560 TI1-TPS92560 Datasheet
817Kb / 23P
Simple Led Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com