Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 2Page - Infineon Technologies AG TLE4925C Datasheet HTML 3Page - Infineon Technologies AG TLE4925C Datasheet HTML 4Page - Infineon Technologies AG TLE4925C Datasheet HTML 5Page - Infineon Technologies AG TLE4925C Datasheet HTML 6Page - Infineon Technologies AG TLE4925C Datasheet HTML 7Page - Infineon Technologies AG TLE4925C Datasheet HTML 8Page - Infineon Technologies AG TLE4925C Datasheet HTML 9Page - Infineon Technologies AG TLE4925C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PRELIMINARY
Page 6 of 25
1.2 Electro Magnetic Compatibility - (values depend on RSeries!)
Ref. ISO 7637-1; see test circuit of figure 4 and 5;
∆B
PP = 10mT (ideal sinusoidal signal); VS=13.5V
± 0.5V, f
B= 1000Hz; T= 25°C; RSeries
≥ 200Ω;
No.
Parameter
Symbol
Level/typ
Status
1.2.1
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
Testpulse 4
Testpulse 5
VEMC
IV / -100V
IV / 100V
IV / -150V
IV / 100V
IV / -7V
IV / 86.5V
C
2
C
2
A
A
A
C
Note: Test criteria for status A: No missing pulse no additional pulse on the IC output signal plus duty
cycle and jitter are in the specification limits.
Test criteria for status B: No missing pulse no additional pulse on the IC output signal.
(Output signal “OFF” means switching to the voltage of the pull-up resistor).
Test criteria for status C: One or more parameter can be out of specification during the exposure
but returns automatically to normal operation after exposure is removed.
Test criteria for status E: IC destroyed.
Ref. ISO 7637-3; TP 1 and TP 2 ref. DIN 40839-3; see test circuit of figure 4 and 5;
∆B
PP = 10mT (ideal sinusoidal signal); VS=13.5V
± 0.5V, f
B= 1000Hz; T= 25°C; RSeries
≥ 200Ω;
No.
Parameter
Symbol
Level/typ
Status
1.2.2
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
VEMC
IV / -30V
IV / 30V
IV / -60V
IV / 40V
A
A
A
A
Ref. ISO 11452-3; see test circuit of figure 4 and 5; measured in TEM-cell;
∆B
PP = 4mT (ideal sinusoidal signal); VS=13.5V
± 0,5V, f
B= 200Hz; T= 25°C; RSeries
≥ 200Ω;
No.
Parameter
Symbol
Level/max
Remarks
1.2.3
EMC field strength
ETEM-Cell
IV / 200V/m
AM=80%, f=1kHz;
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Test condition for the trigger window: fB-field=200Hz, Bpp=4mT, vertical limits are
±200mV and
horizontal limits are
±200µs.
2 According to 7637-1 the supply switched „OFF“ for t=200ms. For battery „ON“ is valid status „A“.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com