Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4925C Datasheet HTML 1Page - Infineon Technologies AG TLE4925C Datasheet HTML 2Page - Infineon Technologies AG TLE4925C Datasheet HTML 3Page - Infineon Technologies AG TLE4925C Datasheet HTML 4Page - Infineon Technologies AG TLE4925C Datasheet HTML 5Page - Infineon Technologies AG TLE4925C Datasheet HTML 6Page - Infineon Technologies AG TLE4925C Datasheet HTML 7Page - Infineon Technologies AG TLE4925C Datasheet HTML 8Page - Infineon Technologies AG TLE4925C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PRELIMINARY
Page 3 of 25
Offset cancellation is achieved by advanced digital signal processing. Immediately after
power-on motion is detected (start-up mode). After a few transitions the sensor has
finished self-calibration and switches to a high-accuracy mode (running mode). In
running mode switching occurs at signal zero-crossing of the arithmetic mean of max
and min value of magnetic differential signal.
∆B is defined as difference between hall
plate 1 and hall plate 2.
Figure 2: Block Diagram of TLE4925/TLE4925C
Circuit Description
The TLE4925/TLE4925C is comprised of a supply voltage regulator, a pair of hall
probes, spaced at 2.5mm, differential amplifier, noise-shaping filter, comparator,
advanced digital signal processor (DSP), A/D and D/A converter and an open drain
output.
Startup mode:
The differential signal is digitized in the A/D converter and fed into the dsp part of the
circuit. There a rising or falling transition is detected and the output stage is triggered
accordingly. As the signal is not offset compensated at this time, the output does not
neccessarily switch at zero-crossing of the magnetic signal. Signal peaks are also
detected in the digital circuit and their arithmetic mean value can be calculated. The
offset of this mean value is determined and fed into the offset cancellation DAC. This
procedure can be repeated with increasing accuracy. After few increments the IC is
switched into the high accuracy running mode.
hyst
comp
digital
Hall probes
+
-
Q
n-channel
open
drain
actual switching
level
min
max
algorithm
overtemperature
& short-circuit
protection
power supply regulator
analog
supply
digital
supply
bias for temperature
& technology
compensation
main
comp
VS
GND
clamping
clamping & reverse
voltage protection
interface
Offset
DAC
enable
+
-
+
-
Tracking ADC
amplifier
oscillator
filter
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com