Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4925C Datasheet HTML 1Page - Infineon Technologies AG TLE4925C Datasheet HTML 2Page - Infineon Technologies AG TLE4925C Datasheet HTML 3Page - Infineon Technologies AG TLE4925C Datasheet HTML 4Page - Infineon Technologies AG TLE4925C Datasheet HTML 5Page - Infineon Technologies AG TLE4925C Datasheet HTML 6Page - Infineon Technologies AG TLE4925C Datasheet HTML 7Page - Infineon Technologies AG TLE4925C Datasheet HTML 8Page - Infineon Technologies AG TLE4925C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PRELIMINARY
Page 2 of 25
Figure 1: Pin configuration in P-SSO-3-6 and P-SSO-3-9
General Information
The TLE4925/TLE4925C is an active Hall sensor suited to detects the motion and
position of ferromagnetic and permanent magnet structures. An additional self-
calibration module has been implemented to achieve optimum accuracy during normal
running operation. It comes in a three-pin package for the supply voltage and an open
drain output.
Functional Description
The differential Hall sensor IC detects the motion and position of ferromagnetic and
permanent magnet structures by measuring the differential flux density of the magnetic
field. To detect ferromagnetic objects the magnetic field must be provided by a back
biasing permanent magnet (south or north pole of the magnet attached to the rear
unmarked side of the IC package).
Pin No.
Symbol
Function
1
VS
Supply Voltage
2
GND
Ground
3
Q
Open Drain Output
P-SSO-3-6
P-SSO-3-9
1
2
3
1 2 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com