Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 17Page - Infineon Technologies AG TLE4925C Datasheet HTML 18Page - Infineon Technologies AG TLE4925C Datasheet HTML 19Page - Infineon Technologies AG TLE4925C Datasheet HTML 20Page - Infineon Technologies AG TLE4925C Datasheet HTML 21Page - Infineon Technologies AG TLE4925C Datasheet HTML 22Page - Infineon Technologies AG TLE4925C Datasheet HTML 23Page - Infineon Technologies AG TLE4925C Datasheet HTML 24Page - Infineon Technologies AG TLE4925C Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
PRELIMINARY
Page 25 of 25
ϕ
Jitter_typ
...
typical phase jitter at Tj=25°C in ° (1Sigma)
ϕ
Jitter_max ...
maximum phase jitter at Tj=175°C in ° (3Sigma)
B
∂
∂ϕ
...
inverse of the magnetic slope of the edge in °/T
Bneff_typ
...
typical value of Bdiff in T
(1
σ-value at Tj=25°C)
Bneff_max
...
maximum value of Bdiff in T
(3
σ-value at Tj=175°C)
Example:
Assumption:
n = 4500 min
-1
td = 14 µs
∆t
d = ±3 µs
ϕ
∂
∂B
= 3 mT/°
Bneff_typ = ±40 µT (1
σ-value at Tj=25°C)
Bneff_max = ±210 µT (3
σ-value at Tj=175°C)
Calculation:
ϕ
= 0.378°
...
systematic phase error
∆ϕ
d
= ±0.081°
...
stochastic phase error due to delay time variation
ϕ
Jitter_typ = ±0.013°
...
typical phase jitter (1
σ-value at Tj=25°C)
ϕ
Jitter_max = ±0.07°
...
maximum phase jitter (3
σ-value at Tj=175°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com