Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 3Page - Infineon Technologies AG TLE4925C Datasheet HTML 4Page - Infineon Technologies AG TLE4925C Datasheet HTML 5Page - Infineon Technologies AG TLE4925C Datasheet HTML 6Page - Infineon Technologies AG TLE4925C Datasheet HTML 7Page - Infineon Technologies AG TLE4925C Datasheet HTML 8Page - Infineon Technologies AG TLE4925C Datasheet HTML 9Page - Infineon Technologies AG TLE4925C Datasheet HTML 10Page - Infineon Technologies AG TLE4925C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PRELIMINARY
Page 7 of 25
1.3 ESD Protection
No.
Parameter
Symbol
max
Unit
Remarks
1.3.1
ESD – protection
P-SSO-3-9
P-SSO-3-6
VESD
± 8
± 6
kV
kV
According to standard
EIA/JESD22-A114-B
Human Body Model
(HBM).
Figure 4: Test Circuit for EMC tests (TLE4925C) – P-SSO-3-9 Package
Figure 5: Test Circuit for EMC tests (TLE4925) – P-SSO-3-6 Package
VEMC
RSeries
CExt1
VS
GND
Q
200
Ω
4.7nF
RLoad
1.2k
Ω
CLoad
50pF
5V
VEMC
RSeries
VS
GND
Q
RLoad
1.2 k
Ω
CLoad
50 pF
5V
200
Ω
4.7 nF
4.7 nF
CInt-package
CInt-package
CExt2
4.7nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com