Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 10Page - Infineon Technologies AG TLE4925C Datasheet HTML 11Page - Infineon Technologies AG TLE4925C Datasheet HTML 12Page - Infineon Technologies AG TLE4925C Datasheet HTML 13Page - Infineon Technologies AG TLE4925C Datasheet HTML 14Page - Infineon Technologies AG TLE4925C Datasheet HTML 15Page - Infineon Technologies AG TLE4925C Datasheet HTML 16Page - Infineon Technologies AG TLE4925C Datasheet HTML 17Page - Infineon Technologies AG TLE4925C Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PRELIMINARY
Page 14 of 25
Application Configurations
Two possible applications are shown in Figure 8 and Figure 9 (Toothed and Magnet
Wheel).
The difference between two-wire and three-wire application is shown in Figure 12 for
the TLE4925C and in Figure 13 for the TLE4925.
Gear Tooth Sensing
In the case of ferromagnetic toothed wheel application the IC has to be biased by the
south or north pole of a permanent magnet (e.g. SmCO5 (Vacuumschmelze VX145))
with the dimensions 8 mm
× 5 mm × 3 mm) which should cover both Hall probes.
The maximum air gap depends on
-
the magnetic field strength (magnet used; pre-induction) and
-
the toothed wheel that is used (dimensions, material, etc.; resulting differential field).
a
centered distance
of Hall probes
b
Hall probes to
IC surface
L
IC surface to
tooth wheel
a = 2.5 mm
b = 0.3 mm
Figure 8
Sensor Spacing
Conversion DIN – ASA
m = 25.4 mm/p
T = 25.4 mm CP
DIN
d
diameter (mm)
z
number of teeth
m
module m = d/z (mm)
T
pitch T =
π × m (mm)
ASA
p
diameter pitch
p = z/d (inch)
PD
pitch diameter
PD = z/p (inch)
CP
circular pitch CP = 1 inch
× π/p
Figure 9
Toothed Wheel Dimensions
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com