Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 17Page - Infineon Technologies AG TLE4925C Datasheet HTML 18Page - Infineon Technologies AG TLE4925C Datasheet HTML 19Page - Infineon Technologies AG TLE4925C Datasheet HTML 20Page - Infineon Technologies AG TLE4925C Datasheet HTML 21Page - Infineon Technologies AG TLE4925C Datasheet HTML 22Page - Infineon Technologies AG TLE4925C Datasheet HTML 23Page - Infineon Technologies AG TLE4925C Datasheet HTML 24Page - Infineon Technologies AG TLE4925C Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
PRELIMINARY
Page 24 of 25
Noise
1
σ
Bdiff_typ
Bdiff_max
3
σ
B
ϕ
ϕ
∂
∂B
Phase-Jitter
Figure17: Phase-Jitter
Stochastic Phase Error
∆ϕ
The stochastic phase error includes the error due to the variation of the delay time with
temperature and the error caused by the resolution of the threshold. It can be calculated
in the following way:
d
d
t
n ∆
•
•
°
=
∆
60
360
ϕ
∆ϕ
d
... stochastic phase error due to the variation of the delay time over temperature in °
n
… speed of the camshaft wheel in min
-1
∆t
d
… variation of delay time over temperature in sec
Jitter (Repeatability)
The phase jitter is normally caused by the
analogue system noise. If there is an update of the
offset-DAC due to the algorithm, what could happen
after each tooth, then an additional step in the
phase occurs (see description of the algorithm).
This is not included in the following calculations.
The noise is transformed through the slope of the
magnetic edge into a phase error. The phase jitter
is determined by the two formulas:
(
)
typ
neff
typ
Jitter
B
B
_
_
•
∂
∂
= ϕ
ϕ
(
)
max
_
max
_
neff
Jitter
B
B
•
∂
∂
= ϕ
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com