Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4925C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4925C
Description  Differential Hall Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4925C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4925C Datasheet HTML 6Page - Infineon Technologies AG TLE4925C Datasheet HTML 7Page - Infineon Technologies AG TLE4925C Datasheet HTML 8Page - Infineon Technologies AG TLE4925C Datasheet HTML 9Page - Infineon Technologies AG TLE4925C Datasheet HTML 10Page - Infineon Technologies AG TLE4925C Datasheet HTML 11Page - Infineon Technologies AG TLE4925C Datasheet HTML 12Page - Infineon Technologies AG TLE4925C Datasheet HTML 13Page - Infineon Technologies AG TLE4925C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PRELIMINARY
Page 10 of 25
2.2.10
delay time
td
7
12.5
18
20
6
µs
µs
Only valid for Tj=25°C.
Valid for Tj=-40°C till
Tj=175°C.
Higher magnetic
slopes and overshoots
reduce td, because the
signal is filtered
internal.
2.2.11
Temperature drift of
delay time of output to
magnetic edge
∆t
d
-6
3
7
6
µs
Time over specified
temperature range;
not additional to td
2.2.12
Frequency range
f
0.001
8
kHz
Operation below 1Hz
8
2.2.13
Oscillator frequency
fOSC
1.08
1.34
1.68
MHz
-
2.2.14
Offset recalibration time
after last output change
treset
625
780
970
ms
Output locked to state
before recalibration
2.2.15
Clamping voltage
VS-Pin
VSclamp
24
27.5
V
IS = 20mA < 5min.
2.2.16
Clamping voltage Q- Pin
VQclamp
24
27.5
V
IQ = 20mA < 5min.
2.2.17
Analog reset voltage
VsReset
2.35
2.9
V
-
Note:
The listed AC/DC and magnetic characteristics are ensured over the operating range of the
integrated circuit. Typical characteristics specify mean values expected over the production
spread. If not other specified, typical characteristics apply at Tj = 25 °C and VS = 12 V.
2.3 Magnetic Characteristics in Running Mode
No.
Parameter
Symbol
min
typ
max
Unit
Remarks
2.3.1
Bias preinduction
B0
-500
500
mT
-
2.3.2
Differential bias induction
∆B
0
-30
30
mT
-
2.3.3
Minimum signal
amplitude
∆B
min
0.55
1.5
mT
9
2.3.4
Maximum signal
amplitude
∆B
max
100
mT
Additional to B0
10
2.3.5
Resistivity against
mechanical stress (piezo)
∆B
min
-0.2
0.2
mT
F= 2N
5 see footnote 6.
6 only valid for the falling edge.
7 related to Tj= 175°C.
8 output will switch if magnetic signal is changing more that 2x
∆B
min
 within offset recalibration time
even below 1Hz once per magnetic edge
9 includes also former B
m of TLE4941-2.
10 exceeding this limit might result in decreased duty cycle performance. With higher values the internal
measured signal will be clipped. This will decrease the phase accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com