Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4942C Datasheet HTML 1Page - Infineon Technologies AG TLE4942C Datasheet HTML 2Page - Infineon Technologies AG TLE4942C Datasheet HTML 3Page - Infineon Technologies AG TLE4942C Datasheet HTML 4Page - Infineon Technologies AG TLE4942C Datasheet HTML 5Page - Infineon Technologies AG TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
5
In addition to the speed signal, the following information is provided by varying the
length of the output pulses in Figure 3 (PWM modulation):
Airgap Warning range = Warning
Warning information is issued in the output pulse length when the magnetic field is
below a critical value. (E. g. the airgap between the Hall Effect IC and the target
wheel exceeds a critical value). The device works with reduced functionality.
Assembly position range = EL
EL information is issued in the output pulse length when the magnetic field is below a
predefined value (the airgap between the Hall Effect IC and the target wheel exceeds
a predefined value). The device works with full functionality.
Direction of rotation right = DR-R
DR–R information is issued in the output pulse length when the target wheel in front
of the Hall Effect IC moves from the pin GND to the pin VCC.
Direction of rotation left = DR-L
DR–L information is issued in the output pulse length when the target wheel in front
of the Hall Effect IC moves from the pin VCC to the pin GND.
Figure 5
Definition of rotation direction
S 0015
4942
DR-L
DR-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com