Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG TLE4942C Datasheet HTML 10Page - Infineon Technologies AG TLE4942C Datasheet HTML 11Page - Infineon Technologies AG TLE4942C Datasheet HTML 12Page - Infineon Technologies AG TLE4942C Datasheet HTML 13Page - Infineon Technologies AG TLE4942C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
10
Initial calibration delay
time
t d,input
300
µs
Additional to
nstart
Magnetic edges
required for initial
calibration
1)
nstart
6 *
magn.
edges
Number of emitted
pulses with invalid
supplementary
information
2)
nDR-Start
3 *
magn.
edges
Frequency
f
1
2500
Hz
Frequency changes
df/dt
±100
Hz/ms
Duty cycle
duty
40
50
60
%
3) Measured
@
∆B = 2mT
sine wave
Def. Figure 7
Jitter, Tj < 150°C
Tj < 170°C
SJit-close
±2
±3
%
%
1 s value
VCC = 12 V
?B
≥ 2mT
Jitter, Tj < 150°C
Tj < 170°C
SJit-far
±4
±6
%
%
1 s value
VCC = 12 V
(2mT
≥) ∆B >
∆B
Limit
Jitter at board net
ripple
SJit-AC
±2
%
VCC=13V±6Vpp
0 < f < 50kHz
∆B = 15 mT
* See Appendix B
1) The sensor requires up to n
start magnetic switching edges for valid speed information after
power-up or after a stand still condition. During that phase the output is disabled.
2) The first 3 pulses containing direction information can have the wrong rotation information.
(The first pulse after starting with the speed signal can have any length < tStop. At
∆BLimit
output pulses might have any length < tStop).
3) During fast offset alterations, due to the calibration algorithm, exceeding the specified duty
cycle is permitted for short time periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com