Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4942C Datasheet HTML 1Page - Infineon Technologies AG TLE4942C Datasheet HTML 2Page - Infineon Technologies AG TLE4942C Datasheet HTML 3Page - Infineon Technologies AG TLE4942C Datasheet HTML 4Page - Infineon Technologies AG TLE4942C Datasheet HTML 5Page - Infineon Technologies AG TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
3
Functional Description
The differential Hall Effect IC detects the motion of ferromagnetic or permanent
magnet structures by measuring the differential flux density of the magnetic field. To
detect the motion of ferromagnetic objects the magnetic field must be provided by a
backbiasing permanent magnet. Either the South or North pole of the magnet can be
attached to the rear, unmarked side of the IC package.
Magnetic offsets of up to
± 20mT and mechanical offsets are cancelled out through a
self-calibration algorithm. Only a few transitions are necessary for the self-calibration
procedure. After the initial self-calibration sequence switching occurs when the input
signal crosses the arithmetic mean of its max. and min. values (e.g. zero-crossing for
sinusoidal signals).
The ON and OFF state of the IC are indicated by High and Low current
consumption. Each zero crossing of the magnetic input signal triggers an output
pulse.
I
Figure 3
Zero-crossing principle and corresponding output pulses
Differential
Magnetic Flux
Density
∆B
t
Range for EL pulse:
∆B
EL
Range for warning pulse:
∆B
Warning
∆B
Limit
(max .airgap
exceeded)
Figure 4
Definition of differential magnetic flux density ranges
Magnetic signal
Output Signal
Pulse length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com