Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4942C Datasheet HTML 1Page - Infineon Technologies AG TLE4942C Datasheet HTML 2Page - Infineon Technologies AG TLE4942C Datasheet HTML 3Page - Infineon Technologies AG TLE4942C Datasheet HTML 4Page - Infineon Technologies AG TLE4942C Datasheet HTML 5Page - Infineon Technologies AG TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
2
The Hall Effect sensor IC TLE4942 is designed to provide information about
rotational speed, direction of rotation, assembly position and limit airgap to modern
vehicle dynamics control systems and ABS. The output has been designed as a two
wire current interface based on a Pulse Width Modulation principle. The sensor
operates without external components and combines a fast power-up time with a low
cut-off frequency. Excellent accuracy and sensitivity is specified for harsh automotive
requirements as a wide temperature range, high ESD robustness and high EMC
resilience. State-of-the-art BiCMOS technology is used for monolithic integration of
the active sensor areas and the signal conditioning.
Finally, the optimised piezo compensation and the integrated dynamic offset
compensation enable easy manufacturing and elimination of magnet offsets.
The TLE4942C
is additionally provided with an overmolded 1.8nF capacitor for
improved EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com