Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4942C Datasheet HTML 1Page - Infineon Technologies AG TLE4942C Datasheet HTML 2Page - Infineon Technologies AG TLE4942C Datasheet HTML 3Page - Infineon Technologies AG TLE4942C Datasheet HTML 4Page - Infineon Technologies AG TLE4942C Datasheet HTML 5Page - Infineon Technologies AG TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Differential Two-Wire Hall Effect Sensor IC
TLE4942
TLE4942C
Features
• Two-wire PWM current interface
• Detection of rotation direction
• Airgap diagnosis
• Assembly position diagnosis
• Dynamic self-calibration principle
• Single chip solution
• No external components needed
• High sensitivity
PSSO2-1
• South and north pole pre-induction possible
• High resistance to piezo effects
• Large operating air-gaps
• Wide operating temperature range
• TLE4942C: 1.8nF overmolded capacitor
Type
Marking
Ordering Code
Package
TLE 4942
4200E4
Q62705-K428
PSSO2-1
TLE 4942C
42C0E4
Q62705-K437
PSSO2-2


Similar Part No. - TLE4942C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4942-1C INFINEON-TLE4942-1C Datasheet
713Kb / 31P
Differential Two-Wire Hall Effect Sensor-IC
V4.0, February 2010
TLE4942-1C INFINEON-TLE4942-1C Datasheet
423Kb / 32P
Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2C INFINEON-TLE4942-2C Datasheet
802Kb / 9P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
More results

Similar Description - TLE4942C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4941-2 INFINEON-TLE4941-2 Datasheet
810Kb / 8P
Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
Differential Hall Effect Sensor IC
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
Differential Hall-Effect Sensor IC
logo
Infineon Technologies A...
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1C INFINEON-TLE4942-1C Datasheet
713Kb / 31P
Differential Two-Wire Hall Effect Sensor-IC
V4.0, February 2010
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com