Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4942C Datasheet HTML 5Page - Infineon Technologies AG TLE4942C Datasheet HTML 6Page - Infineon Technologies AG TLE4942C Datasheet HTML 7Page - Infineon Technologies AG TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG TLE4942C Datasheet HTML 10Page - Infineon Technologies AG TLE4942C Datasheet HTML 11Page - Infineon Technologies AG TLE4942C Datasheet HTML 12Page - Infineon Technologies AG TLE4942C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
9
AC/DC Characteristics
All values specified at constant amplitude and offset of input signal
Limit values
Unit
Parameter
Symbol
Min
Typ
Max
Remarks
Supply current
ILow
5.9
7
8.4
mA
Supply current
IHigh
11.8
14
16.8
mA
Supply current ratio
IHigh/ILow
1.9
Output rise/fall
slew rate
TLE4942
tr, tf
12
7.5
26
24
mA/
µs R
M
≤ 150 Ω
RM
≤ 750 Ω
See Figure 6.
Output rise/fall
slew rate
TLE4942C
tr, tf
8
8
22
26
mA/
µs
RM = 75
Ω
T < 125°C
T < 170°C
See Figure 6.
Current ripple dIX/dVCC
IX
90
µA/V
Limit threshold
∆B
Limit
0.35
0.8
1.5
mT
Amplitude
values
Airgap warning
threshold
∆B
Warning
0.9
1.4
2.6
mT
Amplitude
values
Limit - Airgap warning
threshold ratio
∆B
Warning
/ ∆B
Limit
1.3
1.75
2.7
Amplitude
values
Assembly position
threshold
∆B
EL
5.2
7.2
9.6
mT
at room temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com