Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4942C Datasheet HTML 8Page - Infineon Technologies AG TLE4942C Datasheet HTML 9Page - Infineon Technologies AG TLE4942C Datasheet HTML 10Page - Infineon Technologies AG TLE4942C Datasheet HTML 11Page - Infineon Technologies AG TLE4942C Datasheet HTML 12Page - Infineon Technologies AG TLE4942C Datasheet HTML 13Page - Infineon Technologies AG TLE4942C Datasheet HTML 14Page - Infineon Technologies AG TLE4942C Datasheet HTML 15Page - Infineon Technologies AG TLE4942C Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
12
T
I
IHigh
ILow
t
t
1
Xn
Xn
Xn+1
Xn+2
duty = t1 / T * 100%
Figure 7
Definition of duty cycle
PWM Current Interface
Between each magnetic transition and the rising edge of the corresponding output
pulse the output current is Low for tpre-low in order to allow reliable internal
conveyance. Following the signal pulse (current is High) is output.
If the magnetic differential field exceeds
∆B
EL, the output pulse lengths are 90µs or
180µs respectively, depending on the direction of rotation.
When the magnitude of the magnetic differential field is below
∆B
EL, the output pulse
lengths are 360µs and 720µs respectively, depending on left or right rotation. Due to
decreasing cycle times at higher frequencies, these longer pulses are only output up
to frequencies of approximately 117Hz. For higher frequencies and differential
magnetic fields below
∆B
EL, the output pulse lengths are 90µs or 180µs respectively.
If the magnitude of the magnetic differential field is below
∆B
Warning, the output pulse
length is 45µs. The warning output is dominant, this means that close to the limit
airgap the direction and the assembly position information are disabled.
For magnitudes of the magnetic differential field below
∆B
Limit, signal is lost.
In case no magnetic differential signal is detected for a time longer than the stand still
period Tstop, the stop pulse is output. Typically with the first output stop pulse, the
circuitry reverts to the uncalibrated mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com