Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4942C Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4942C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942C Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4942C Datasheet HTML 10Page - Infineon Technologies AG TLE4942C Datasheet HTML 11Page - Infineon Technologies AG TLE4942C Datasheet HTML 12Page - Infineon Technologies AG TLE4942C Datasheet HTML 13Page - Infineon Technologies AG TLE4942C Datasheet HTML 14Page - Infineon Technologies AG TLE4942C Datasheet HTML 15Page - Infineon Technologies AG TLE4942C Datasheet HTML 16Page - Infineon Technologies AG TLE4942C Datasheet HTML 17Page - Infineon Technologies AG TLE4942C Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TLE4942, TLE4942C
TLE4942 - TLE4942C Data Sheet
February 2002
15
Electro Magnetic Compatibility - (values depend on RM!)
Ref. ISO 7637-1; test circuit 1;
∆B = 2mT (amplitude of sinus signal); V
CC=13.5 V, fB= 100 Hz; T= 25°C; RM
≥ 75 Ω
No.
Parameter
Symbol
Level/typ.
Status
1.1.1
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
Testpulse 4
Testpulse 5
VLD
IV / -100 V
IV / 100 V
IV / -150 V
IV / +100 V
IV / -7 V
IV / +86,5 V
(2)
C
(1)
C
(1)
A
A
B
(3)
C
(1) According to 7637-1 the supply switched „OFF“ for t=200ms. For battery „ON“ is valid status „A“.
(2) Applying in the board net a suppressor diode with sufficient energy absorption capability.
(3) According to 7637-1 for test pulse 4 the test voltage shall be 12V
± 0,2V
Values are valid for all TLE4941/42 types!
Ref. ISO 7637-3; test circuit 1;
∆B = 2mT (amplitude of sinus signal); V
CC=13.5 V, fB= 100 Hz; T= 25°C; RM
≥ 75 Ω
No.
Parameter
Symbol
Level/typ.
Status
1.2.1
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
VLD
IV / -30 V
IV / 30 V
IV / -60 V
IV / 40 V
A
A
A
A
Values are valid for all TLE4941/42 types!
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2mT; V
CC=13.5V, fB= 100 Hz; T= 25°C
No.
Parameter
Symbol
Level/Max.
Remarks
1.2.2
EMC field strength
ETEM-Cell
IV / 200 V/m
AM=80%, f=1kHz;
Only valid for non C- types!
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2mT; V
CC=13.5V, fB= 100 Hz; T= 25°C
No.
Parameter
Symbol
Level/Max.
Remarks
1.2.2
EMC field strength
ETEM-Cell
IV / 250 V/m
AM=80%, f=1kHz;
Only valid for C-types!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com