Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 3Page - Infineon Technologies AG TLE6286 Datasheet HTML 4Page - Infineon Technologies AG TLE6286 Datasheet HTML 5Page - Infineon Technologies AG TLE6286 Datasheet HTML 6Page - Infineon Technologies AG TLE6286 Datasheet HTML 7Page - Infineon Technologies AG TLE6286 Datasheet HTML 8Page - Infineon Technologies AG TLE6286 Datasheet HTML 9Page - Infineon Technologies AG TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Target Data
TLE 6286
Version 1.02
7
2001-10-15
In case the voltage regulator control input is not connected to INH output or the
microcontroller is active respectively, the TLE6286 can be set in normal operation mode
without a wake-up via the communication bus.
2.2
LIN Transceiver
The LIN Transceiver has already a pull up resistor of 30k
Ω as termination implemented.
There is also a diode in this path, to protect the circuit from feedback of voltages from
the bus line to the power supply. To configure the TLE 6286 as a master node, an
additional external termination resistor of 1k
Ω is required. To avoid reverse currents from
the bus line into the battery supply line in case of an unpowered node, it is also
recommended to place a diode in series to the external pull up. For small systems (low
bus capacitance) the EMC performance of the system is supported by an additional
capacitor of at least 1nF in the master node (see figure 6, application circuit).
An capacitor of 10µF at the supply voltage input VS buffers the input voltage. In
combination with the required reverse polarity diode this prevents the device from
detecting power down conditions in case of negative transients on the supply line.
2.3
Voltage Regulator
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element. If the externally scaled down
output voltage at the reset threshold input drops below 1.35 V, the external reset delay
capacitor is discharged by the reset generator. When the voltage of the capacitor
reaches the lower threshold
V
DRL, a reset signal occurs at the reset output and is held
until the upper threshold
V
DU is exceeded. If the reset threshold input is connected to
GND, reset is triggered at an output voltage of typ. 4.65 V. A connected microcontroller
will be monitored through the watchdog logic. In case of missing pulses at pin W, the
reset output is set to low. The pulse sequence time can be set in a wide range with the
reset delay capacitor. The IC can be switched at the TTL-compatible, low-active inhibit
input. The IC also incorporates a number of internal circuits for protection against
overload, overtemperature, reverse polarity
2.4
Input Capacitor
The input capacitor
C
I is necessary for compensation of line influences. Using a resistor
of approx. 1
Ω in series with C
I, the oscillating circuit consisting of input inductivity and
input capacitance can be damped. The output capacitor is necessary for the stability of
the regulating circuit. Stability is guaranteed at values
≥ 22 µF and an ESR of ≤ 3 Ω
within the operating temperature range. For small tolerances of the reset delay the
spread of the capacitance of the delay capacitor and its temperature coefficient should
be noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com