Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 9Page - Infineon Technologies AG TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG TLE6286 Datasheet HTML 14Page - Infineon Technologies AG TLE6286 Datasheet HTML 15Page - Infineon Technologies AG TLE6286 Datasheet HTML 16Page - Infineon Technologies AG TLE6286 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Target Data
TLE 6286
Version 1.02
13
2001-10-15
Vcc Output (pin Vcc)
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ IQ ≤ 150 mA;
6 V
≤ VI ≤ 28 V
Output voltage
V
Q
4.90
5.00
5.10
V
6 V
≤ VI ≤ 32 V;
IQ = 100 mA;
Tj = 100 °C
Output current
I
Q
200
250
mA
1)
Current consumption;
I
q = II IQ
I
q
I
q
I
q
I
q
0
900
10
15
50
1300
18
23
µA
µA
mA
mA
VINH = 0
IQ = 0 mA
IQ = 150 mA
IQ = 150 mA; VI = 4.5 V
Drop voltage
V
dr
0.35
0.50
V
IQ = 150 mA
1)
Load regulation
V
Q,lo
––
25
mV
IQ = 5 mA to 150 mA
Line regulation
V
Q.li
325
mV
VI = 6 V to 28 V;
IQ = 150 mA
Power Supply Ripple
Rejection
PSRR
54
dB
fr = 100 Hz; Vr =
0.5 VPP
Reset Genarator (pin RD)
Switching threshold
V
Q,rt
4.5
4.65
4.8
V
Reset adjust threshold
V
RADJ,th
1.26
1.35
1.44
V
VQ > 3.5 V
Reset low voltage
V
RO,l
0.10
0.40
V
IRO = 1 mA
Saturation voltage
V
D,sat
50
100
mV
VQ < VR,th
Upper timing threshold
V
DU
1.45
1.70
2.05
V
Lower reset timing threshold
V
DRL
0.20
0.35
0.55
V
Charge current
I
D,ch
40
60
85
µA
Reset delay time
t
rd
1.3
2.8
4.1
ms
CD = 100 nF
Reset reaction time
t
rr
0.5
1.2
4
µs
CD = 100 nF
3.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0V < VS <20V; RL =1kΩ; VEN > VEN,ON; -40 °C< Tj <125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com