Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 5Page - Infineon Technologies AG TLE6286 Datasheet HTML 6Page - Infineon Technologies AG TLE6286 Datasheet HTML 7Page - Infineon Technologies AG TLE6286 Datasheet HTML 8Page - Infineon Technologies AG TLE6286 Datasheet HTML 9Page - Infineon Technologies AG TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Target Data
TLE 6286
Version 1.02
9
2001-10-15
3
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause
irreversible damage to the integrated circuit.
3.1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
CC
-0.3
6
V
Battery supply voltage
V
S
-0.3
40
V
Bus input voltage
V
bus
-20
32
V
Bus input voltage
V
bus
-20
40
V
t < 1 s
Logic voltages at
EN, TxD, RxD
V
I
-0.3
V
CC
+ 0.3
V0 V <
V
CC < 5.5 V
Input voltages at INH
V
INH
-0.3
V
S
+ 0.3
V
Output current at INH
I
INH
1mA
Reset output voltage
V
R
– 0.3
42
V
–
Reset delay voltage
V
D
– 0.3
42
V
Output voltage Vcc
V
Q
– 0.3
7
V
–
INHIBIT voltage
V
INH
– 42
45
V
–
Watchdog voltage
V
W
– 0.3
6
V
–
Electrostatic discharge
voltage at Vs, Bus
V
ESD
-4
4
kV
human body model
(100 pF via 1.5 k
Ω)
Electrostatic discharge
voltage
V
ESD
-2
2
kV
human body model
(100 pF via 1.5 k
Ω)
Temperatures
Junction temperature
T
j
-40
150
°C
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com