Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 7Page - Infineon Technologies AG TLE6286 Datasheet HTML 8Page - Infineon Technologies AG TLE6286 Datasheet HTML 9Page - Infineon Technologies AG TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG TLE6286 Datasheet HTML 14Page - Infineon Technologies AG TLE6286 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Target Data
TLE 6286
Version 1.02
11
2001-10-15
3.3
Electrical Characteristics
4.5 V < VCC <5.5 V; 6.0V < VS <20V; RL =1kΩ; VEN > VEN,ON; -40 °C< Tj <125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.
Current Consumption
Current consumption
I
CC
0.5
1.5
mA
recessive state;
VTxD = VCC
Current consumption
I
S
0.5
1.0
mA
recessive state;
VTxD = VCC
Current consumption
I
CC
0.7
2.0
mA
dominant state;
VTxD = 0 V
Current consumption
I
S
0.7
1.5
mA
dominant state;
VTxD = 0 V
Current consumption
I
S
20
30
µA
sleep mode;
Tj =25 °C
Current consumption
I
S
20
40
µA
sleep mode
Receiver Output R
×D
HIGH level output current
IRD,H
-0.7
-0.4
mA
VRD = 0.8 x VCC,
LOW level output current
IRD,L
0.4
0.7
mA
VRD = 0.2 x VCC,
Bus receiver
Receiver threshold voltage,
recessive to dominant edge
Vbus,rd
0.44
x
VS
0.48
x
VS
V
-8 V < Vbus < Vbus,dom
Receiver threshold voltage,
dominant to recessive edge
Vbus,dr
0.52
x
VS
0.56
x
VS
V
Vbus,rec < Vbus < 20 V
Receiver hysteresis
Vbus,hys 0.02
x
VS
0.04
x
VS
0.06
x
VS
mV
Vbus,hys =
Vbus,rec - Vbus,dom
wake-up threshold voltage
Vwake
0.40
x
VS
0.55
x
VS
0.70
x
VS
V
Transmission Input T
×D
HIGH level input voltage
threshold
VTD,H
2.9
0.7 x
VCC
V
recessive state
TxD input hysteresis
VTD,hys
300
600
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com