Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 8Page - Infineon Technologies AG TLE6286 Datasheet HTML 9Page - Infineon Technologies AG TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG TLE6286 Datasheet HTML 14Page - Infineon Technologies AG TLE6286 Datasheet HTML 15Page - Infineon Technologies AG TLE6286 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Target Data
TLE 6286
Version 1.02
12
2001-10-15
LOW level input voltage
threshold
VTD,L
0.3 x
VCC
2.1
V
dominant state
TxD pull up current
I
TD
-150
-110
-80
µA
VTxD < 0.3 Vcc
Bus transmitter
Bus recessive output voltage
Vbus,rec 0.9 x
VS
VS
V
VTxD = VCC
Bus dominant output voltage
Vbus,dom 01.5
V
VTxD = 0 V;
Bus short circuit current
Ibus,sc
40
85
125
mA
Vbus,short = 13.5 V
Leakage current
Ibus,lk
-350
-100
µA
VCC =0 V, VS =0 V,
Vbus = -8 V, Tj <85 °C
520
µA
VCC =0 V, VS =0 V,
Vbus = 20 V, Tj <85 °C
Bus pull up resistance
Rbus
20
30
47
k
Ω
Enable input (pin ENLIN)
HIGH level input voltage
threshold
VEN,on
2.8
0.7 x
VCC
V
normal mode
LOW level input voltage
threshold
VEN,off
0.3 x
VCC
2.2
V
low power mode
EN input hysteresis
VEN,hys
300
600
mV
EN pull down resistance
REN
15
30
60
k
Ω
Inhibit output (pin INHO)
HIGH level drop voltage
∆V
INH = VS − VINH
∆V
INH
0.5
1.0
V
IINH = - 0.15 mA
Leakage current
IINH,lk
- 5.0
5.0
µA
sleep mode;
VINHO = 0 V
3.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0 V < VS <20V; RL =1kΩ; VEN > VEN,ON; -40 °C< Tj <125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com