Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG TLE6286 Datasheet HTML 14Page - Infineon Technologies AG TLE6286 Datasheet HTML 15Page - Infineon Technologies AG TLE6286 Datasheet HTML 16Page - Infineon Technologies AG TLE6286 Datasheet HTML 17Page - Infineon Technologies AG TLE6286 Datasheet HTML 18Page - Infineon Technologies AG TLE6286 Datasheet HTML 19Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Target Data
TLE 6286
Version 1.02
15
2001-10-15
Dynamic Transceiver Characteristics
falling edge slew rate
Sbus(L)
-3
-2.0
-1
V/µs 80% > Vbus > 20%
Cbus= 3.3 nF;
Tambient <85 °C;
VCC = 5 V; VS = 13.5 V
rising edge slew rate
Sbus(H)
1
1.5
3
V/µs 20% < Vbus < 80%
Cbus= 3.3 nF;
VCC = 5 V; VS = 13.5 V
Propagation delay
TxD-to-RxD LOW (recessive
to dominant)
td(L),TR
25
10
µs
Cbus = 3.3nF;
VCC = 5 V; VS = 13.5 V
CRxD = 20 pF
Propagation delay
TxD-to-RxD HIGH (dominant
to recessive)
td(H),TR
25
10
µs
Cbus = 3.3 nF;
VCC = 5 V; VS = 13.5 V
CRxD = 20 nF
Propagation delay
TxD LOW to bus
td(L),T
14
µs
VCC = 5 V
Propagation delay
TxD HIGH to bus
td(H),T
14
µs
VCC = 5 V
Propagation delay
bus dominant to RxD LOW
td(L),R
14
µs
VCC = 5V;
CRxD = 20pF
Propagation delay
bus recessive to RxD HIGH
td(H),R
14
µs
VCC = 5 V;
CRxD = 20 pF
Receiver delay symmetry
tsym,R
-2
2
µs
tsym,R = td(L),R - td(H),R
Transmitter delay symmetry
tsym,T
-2
2
µs
tsym,T = td(L),T - td(H),T
Wake-up delay time
twake
30
100
200
µs
3.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0V < VS <20V; RL =1kΩ; VEN > VEN,ON; -40 °C< Tj <125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com