Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6286 Datasheet HTML 10Page - Infineon Technologies AG TLE6286 Datasheet HTML 11Page - Infineon Technologies AG TLE6286 Datasheet HTML 12Page - Infineon Technologies AG TLE6286 Datasheet HTML 13Page - Infineon Technologies AG TLE6286 Datasheet HTML 14Page - Infineon Technologies AG TLE6286 Datasheet HTML 15Page - Infineon Technologies AG TLE6286 Datasheet HTML 16Page - Infineon Technologies AG TLE6286 Datasheet HTML 17Page - Infineon Technologies AG TLE6286 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Target Data
TLE 6286
Version 1.02
14
2001-10-15
Watchdog (pin WD)
Discharge current
I
D,wd
4.40
6.25
9.10
µA
VD = 1.0 V
Upper timing threshold
V
DU
1.45
1.70
2.05
V
–
Lower timing threshold
V
DWL
0.20
0.35
0.55
V
–
Watchdog trigger time
T
WI,tr
16
22.5
27
ms
CD = 100 nF
Inhibit Input (INHI)
Switching voltage
V
INH,ON
3.6
––
V
IC turned on
Turn-OFF voltage
V
INH,OFF
––
0.8
V
IC turned off
Input current
I
INH
510
25
µA
VINH = 5 V
Note: The reset output is low within
the range VQ = 1 V to VQ,rt
1)Drop voltage = V
i – VQ (measured
when the output voltage has
dropped 100 mV
from the nominal value obtained at
6 V input)
3.3
Electrical Characteristics (cont’d)
4.5 V < VCC <5.5 V; 6.0V < VS <20 V; RL =1 kΩ; VEN > VEN,ON; -40 °C< Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com