Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6286 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6286
Description  LIN-Transceiver LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6286 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6286 Datasheet HTML 1Page - Infineon Technologies AG TLE6286 Datasheet HTML 2Page - Infineon Technologies AG TLE6286 Datasheet HTML 3Page - Infineon Technologies AG TLE6286 Datasheet HTML 4Page - Infineon Technologies AG TLE6286 Datasheet HTML 5Page - Infineon Technologies AG TLE6286 Datasheet HTML 6Page - Infineon Technologies AG TLE6286 Datasheet HTML 7Page - Infineon Technologies AG TLE6286 Datasheet HTML 8Page - Infineon Technologies AG TLE6286 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
P-DSO-16-4
LIN-Transceiver LDO
TLE 6286
Version 1.02
1
2001-10-15
Target Data Sheet
1.2
Description
The TLE 6286 is a single-wire transceiver with a LDO. It is chip by chip integrated circuit
in a P-DSO-16-4 package. It works as an interface between the protocol controller and
the physical bus. The TLE 6286 is especially suitable to drive the bus line in LIN systems
in automotive and industrial applications. Further it can be used in standard ISO9141
systems.
In order to reduce the current consumption the TLE 6286 offers a sleep operation mode.
In this mode a voltage regulator can be controlled in order to minimize the current
consumption of the whole application. The on-chip voltage regulator is designed for this
Type
Ordering Code
Package
TLE 6286 G
on request
P-DSO-16-4
1Overview
1.1
Features
• Single-wire transceiver, suitable for LIN protocol
• Transmission rate up to 20 kBaud
• Compatible to LIN specification
• Compatible to ISO 9141 functions
• Very low current consumption in sleep mode
• Control output for voltage regulator
• Short circuit proof to ground and battery
• Overtemperature protection
• Output voltage tolerance
≤ ± 2 %
• 200 mA output current capability
• Low-drop voltage
• Very low standby current consumption
• Overtemperature protection
• Reverse polarity protection
• Short-circuit proof
•Watchdog
• Wide temperature range
• Suitable for use in automotive electronics


Similar Part No. - TLE6286

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6280 INFINEON-TLE6280 Datasheet
821Kb / 24P
3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP Datasheet
362Kb / 25P
3-Phase Bridge Driver IC
2007-07-19
TLE6280GP INFINEON-TLE6280GP_07 Datasheet
362Kb / 25P
3-Phase Bridge Driver IC
2007-07-19
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
More results

Similar Description - TLE6286

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6285 INFINEON-TLE6285 Datasheet
649Kb / 23P
LIN-Transceiver LDO
Version 1.02 2002-05-15
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
LIN TRANSCEIVER
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
LIN Transceiver
Rev. 1.3, Dec. 2004
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
LIN Transceiver
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
LIN Transceiver
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com