Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  RDC5028C Datasheet HTML 1Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 2Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 3Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 4Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
PIN DESCRIPTIONS
SIGNAL
DIRECTION
PIN
SIGNAL DESCRIPTION
+SIN
-SIN
INPUT
22
21
Analog Sine input from Synchro or Resolver. 1.3Vrms nominal
+COS
-COS
INPUT
25
24
Analog Cosine input from Synchro or Resolver. 1.3Vrms nominal
+REF
-REF
INPUT
11
12
Analog Reference input is typically a sine wave @ 1.3Vrms
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14
BIT 15
BIT 16 (LSB)
BIDIR
28
29
30
31
32
34
35
36
37
38
39
40
41
42
43
44
Digital angle data. Parallel format. Natural binary positive logic.
Bit 1, most significant bit = 180°, Bit 2 = 90°, Bit 3 = 45° and so on.
In the 10 bit mode, Bit 10 is the LSB. Bits 11-16 are 0s.
In the 12 bit mode, Bit 12 is the LSB. Bits 13-16 are 0s.
In the 14 bit mode, Bit 14 is the LSB. Bits 15-16 are 0s.
In the 16 bit mode, Bit 16 is the LSB.
SC1
SC2
INPUT
49
48
Digital input. Sets the resolution.
SC1
SC2
Resolution
0
0
10 bit
0
1
12 bit
1
0
14 bit
1
1
16 bit
ENABLE*
INPUT
45
Logic 0 enables digital angle output. Otherwise it is high impedance.
INH*
INPUT
47
Logic 0 freezes the digital angle output so that it can be safely read.
DATALOAD*
INPUT
1
Logic 0 enables the digital angle lines to be inputs to preset the angle.
Logic 1 is for normal digital angle output.
BUSY
OUTPUT
50
A logic 1 pulse when the digital angle changes by 1 LSB.
CW/CCW
OUTPUT
51
For turns counting. Logic 1 = counting up (CW), logic 0 = counting
down (CCW).
RIPPLE*
OUTPUT
52
Ripple clock for turns counting. A logic 0 pulse = a 0° transition in
either direction.
AC1
AC2
OUTPUT
14
13
Differential AC error output
BPF1
BPF2
INPUT
16
15
Differential AC error input to demodulator
DEMOD1
DEMOD2
OUTPUT
17
18
Differential DC error output
INTIN1
INTIN2
INPUT
8
6
Differential DC input to differential velocity integrator
INT1
INT 2
OUTPUT
9
10
Differential velocity output
VCOIN
INPUT
5
Input to Voltage Controlled Oscillator
VCC
VDD
POWER
4
27
Analog Power In
Digital Power In
A GND
D GND
POWER
3, 19, 23
26
Analog Power ground
Digital Power ground
VLI/O
POWER
2
Digital input/output DC power supply. Sets logic 1 level. +3V to +5V
* Indicates Active Low Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com