Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 10Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 11Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
REFERENCE CONDITIONING
Most resolvers have a LEADING input to output phase shift. A simple C-R leading phase shift network
(Figure 5 – Reference Conditioning) from the resolver reference to the RDC’s reference input will provide
the compensating phase shift required to bring the signals in phase. If the resolver has a LAGGING input to
output phase shift an R-C lagging phase shift network (low pass network) would be required.
Note the C-R phase lead circuit on the input to the Demodulator (BPF1 and BPF2) in Figure 1 should be
considered when calculating the total system phase compensation.
The formula for calculating the phase shift network is as follows:
1
Phase angle = ArcTan
6.28 x (R7 + R8) x C
FREF
Select a convenient capacitor value and perform the following calculation to determine the proper resistor
value.
R =
1
(Tan (Phase Angle)) x FREF x 6.28 x C
POWER UP INITIALIZATION
The RDC5028 RDC converter can provide incorrect data output if a unit step of 180° (starting at any
angle) is introduced to the Sin / Cos input.
This is difficult to reproduce since a Resolver will never provide a unit step function to the RDC chip.
The only time this would be a concern is during power up, if the Resolver is set to 180°. The RDC will
initialize its internal counter to 0000h which simulates the unit step function mentioned above. In
practice this error condition during power up is difficult to produce because of the dynamics associated
with all the variables when power is first applied.
If the system designer does nothing to accommodate this potential problem the system could see an
error at power on, however, this error will be self corrected once the Resolver begins to rotate. If the
Resolver does not rotate, the error can be corrected by writing to the RDC5028 any angle except 180°.
VELOCITY CONTROL
The RDC5028 RDC exhibits nonlinearity below 4 degrees/sec due to an anti-dither circuit that was
added to reduce the effects of any noise condition that may exist. This result can be seen in the least
significant bit or on the velocity output pins 9 & 10 on this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com