Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RDC5028C Datasheet HTML 1Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 2Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 3Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 4Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SCD5028-2 Rev G
FEATURES
Enhanced version of the ACT5028B
Radiation performance
- Total dose: 1 Mrad(Si), Dose rate = 50 - 300 rads(Si)/s
- SEL:Immune up to 100 MeV-cm2/mg
+5VDC power only
Programmable: By using a few non critical external resistors and capacitors
- Resolution: 10, 12, 14 or 16 bit resolution
- Bandwidth
- Tracking rate
Low power: +5V @ 20 mA typ
45 to 30,000 Hz carrier frequency range
Accuracy:
- 10.0 Arc Minutes if not compensated by INL correction factors.
- 5.3 Arc Minutes using INL correction factors.
Differential instrument amplifiers resolver input
-55° to +125°C operating temperature
Digital interface logic voltage of 3.3V to 5V
Designed for aerospace and high reliability space applications
Packaging – Hermetic
- 52 Pin Ceramic QUAD flat package (CQFP), .956" SQ x .100"Ht
- Weight: 5.0g max
Evaluation board available for test and evaluation. See Aeroflex Application note AN5028-1
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RDC5028C 16-Bit Monolithic Tracking
Standard Products
Rad Tolerant Resolver-To-Digital Converter
APPLICATIONS
This single chip Resolver-to-Digital Converter (RDC) is used in shaft angle control systems, and is suitable for space
or other radiation environments that require > 1 Mrad(Si) total dose tolerance. The part is latchup free in heavy ion
environments (e.g., geosynchronous orbits) and is estimated to experience SEU induced errors of less than 15 minutes
of arc at a rate of 1 per device per 2 years when operating dynamically.
THEORY OF OPERATION
The RDC5028 converter is a single CMOS Type II tracking resolver to digital converter monolithic chip. It is
implemented using precision analog circuitry and digital logic. For flexibility, the converter bandwidth, dynamics and
velocity scaling are externally set with passive components. Refer to Figure 1, RDC5028 Block Diagram.
The converter is powered from +5VDC. Analog signals are referenced to signal ground, which is nominally VCC/2.
The converter consists of three main sections; the Analog Control Transformer (CT), the Analog Error Processor (EP)
and the Digital Logic Interface.
The CT has two analog resolver inputs (Sin and Cos) that are buffered by high impedance input instrumentation type
amplifiers and the 16 bit digital word which represents the output digital angle. The CT performs the ratiometric
trigonometric computation of:
SIN(A) sin(wt) COS(B) – COS(A) sin(wt) SIN(B) = SIN(A-B) sin(wt)
Utilizing amplifiers, switches, logic and resistors in precision ratios. “A” represents the resolver angle, “B“ represents
the digital angle and sin(wt) represents the resolver reference carrier frequency.
The Error Processor is configured as a critically damped Type II loop. The AC error, SIN (A-B) sin (wt) is full wave
demodulated using the reference squared off as its drive. This DC error is integrated in an analog integrator yielding a
velocity voltage which in turn drives a Voltage Controlled Oscillator (VCO). Note in the block diagram, hysterisis is
added to prevent dithering and disables counting when the error is less than 1 LSB. This VCO is an incremental
integrator (constant voltage input to position rate output) which, together with the velocity integrator, forms a Type II
loop. A lead is inserted to stabilize the loop and a lag is inserted at a higher frequency to attenuate the carrier
frequency ripple. The error processor drives the 16 bit digital output until it nulls out. Then angle “A” = “B”. The
digital output equals angle input to the accuracy of the precision control transformer. The various error processor
settings are done with external resistors and capacitors so that the converter loop dynamics can be easily controlled by
the user.The digital logic interface has a separate power line, VLI/O that sets the interface logic 1 level. It can b
e set
anywhere from +3V to the +5V power supply.
May 7, 2014
www.aeroflex.com/RDC
Datasheet


Similar Part No. - RDC5028C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC502006A ALPS-RDC502006A Datasheet
271Kb / 6P
Rotary Type
RDC502010A ALPS-RDC502010A Datasheet
2Mb / 6P
Rotary sensors catering to diverse position detection needs
logo
List of Unclassifed Man...
RDC502012A ETC-RDC502012A Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RDC5028C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
logo
Burr-Brown (TI)
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
RDC19220 ETC1-RDC19220 Datasheet
272Kb / 23P
16-BIT MONOLITHIC TRACKING RESOLVER (LVDT)-TO-DIGITAL CONVERTERS
logo
Analog Devices
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
Variable Resolution, Monolithic Resolver-to-Digital Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com