Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 10Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 11Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
-12dB/oct
Gain = 4
-6dB/oct
BW
2G
G
T
(T = G/2)
rad/sec
10T
Closed Loop Bandwidth (BWcl) (Hz) =
-12dB/oct
2G
--------------
FIGURE 4 – RDC5028 OPEN LOOP BODE PLOT
TRANSFER FUNCTION AND BODE PLOT
The dynamic performance of the converter can be determined from its Functional Block Diagram, Transfer
Function Diagram and Bode plots, as shown in Figures 2, 3 and 4.
PROCEDURE FOR SELECTING RDC BANDWIDTH COMPONENTS
*
Input: Carrier Frequency (Fc) in Hz [47 to 30,000 Hz]
Input: Nominal Resolver Input Level in Vrms [1Vrms min. to 1.5Vrms max.]
Input: Resolution in bits; 10, 12, 14 or 16 bits
Input: Closed Loop Bandwidth (BWcl) in Hz
[10 bit; BWcl = Fc/4 max.]
[12 bit; BWcl = Fc/8 max.]
[14 bit; BWcl = Fc/12 max.]
[16 bit; BWcl = Fc/16 max. ]
Input: Maximum Tracking Rate in RPS
[16 bit;
16 RPS max.]
(RPS = rotations per second)
[14 bit,
64 RPS max.]
[12 bit;
256 RPS max.]
[10 bit, 1024 RPS max.]
Input: Hysteresis in LSBs. Recommended is 1 LSB for 16 & 14 bits and 0.7 LSBs for 12 & 10 bits.
EG = Nominal Resolver Input Level
 .0027 [16 bit] or
EG = Nominal Resolver Input Level
 .011 [14 bit] or
EG = Nominal Resolver Input Level
 .043 [12 bit] or
EG = Nominal Resolver Input Level
 .17
[10 bit]
G = 2.22
 BWcl
G2 = EG
 0.45  G1  G2
BWcl
Gain = 0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com