Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 2Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 3Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 4Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
TIMING SPECIFICATIONS 6/
DIGITAL OUTPUT
SYM
COMMENTS
MIN TYP 2/ MAX UNITS
Busy
tLH
Rise Time
-20
85
ns
tHL
Fall Time
-20
85
ns
CW/CCW, Ripple, B1- B16
tLH
Rise Time
-
45
120
ns
tHL
Fall Time
-
45
100
ns
Busy Pulse Width
tBPW
300
400
600
ns
Busy to Data Stable
3/
tBDS
Enable = Low
-
-
350
ns
Ripple Pulse Width
tRPW
140
200
300
ns
Busy to Ripple
3/
tBR
-
100
150
ns
READ DATA
3/ (Enable & INH would normally be tied together, Data Load = Logic Hi)
Enable Low to Data Stable
tELDS
--
70
ns
Enable High to Data Hi-Z
tEHZ
--
70
ns
INH Low to Data Stable
tILDS
-
-
400
ns
INH High to Data Change
tIHZ
-
-
150
ns
WRITING DATA
3/ (Enable & INH = Logic Hi)
Data Load Pulse Width
tDLPW
Transparent Trailing Edge
Latch
200
-
-
ns
Data Setup to Data Load
tWDS
60
-
-
ns
Data Hold
tWDH
10
-
-
ns
Notes
1/ @ 10 Bits, FREF > 4 x BWCL
@ 12 Bits, FREF > 8 x BWCL
@ 14 Bits, FREF > 12 x BWCL
@ 16 Bits, FREF > 16 x BWCL
2/ All typical values are measured at +25°C.
3/ Characteristics are guaranteed by design, not production tested.
4/ Accuracy applies over the full operating Power Supply voltage range, Full operating Temperature range, Reference Frequency range,
10% Signal Amplitude variation and 10% Reference Harmonic distortion.
5/ For ESD protection the RDC5028 features limiting resistors in series with diodes. Proper ESD precautions are strongly recommended
to avoid functional damage or performance degradation.
6/ All testing at nominal voltage.
7/ All unused inputs shall be tied to Ground. Bit 1 is always the MSB.
8/ See Application Note 1, page 16 and Table II, page 19 "Using INL Error Correction Factors to Improve Accuracy"
9/ Specification de-rated to reflect Total Dose Rate (1019 condition A) to 1 Mrad(Si) @ 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com