Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 20 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 20 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 16Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 17Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 18Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 19Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the International Traffic in Arms Regulations (ITAR). A license from the U.S. Government is required
prior to the export of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
SCD5028-2 Rev G 5/7/2014
ORDERING INFORMATION
MODEL
DLA SMD #
SCREENING
PACKAGE
RDC5028-3-1-7 1/
-
Commercial Flow, +25°C testing only
CQFP
RDC5028-3-1-S 1/
Military Temperature, -55°C to +125°C
Screened in accordance with the individual Test Methods
of MIL-STD-883 for Space Applications
RDC5028-301-1S
RDC5028-301-2S
5962-0423503KXC
5962-0423503KXA
In accordance with DLA SMD
RDC5028-931-1S
RDC5028-931-2S
5962H0423503KXC
5962H0423503KXA
In accordance with DLA Certified RHA Program Plan to
RHA Level "H", 1 Mrad(Si)
RDC5028, Evaluation board
2/
--
-
Notes
1/ Dash #’s:
The first dash number indicates the revision of silicon:
-3 = Rev. C
The second dash number indicates the wafer lot run.
-1 = First diffusion lot
2/ See Application note AN5028-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com