Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RDC5028C Datasheet HTML 1Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 2Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 3Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 4Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
16 Bit Mode 3/
1
1
B1 - B16
16
-
-
RPS
VCO Frequency 3/
1.05
-
-
MHz
ELECTRICAL SPECIFICATIONS 2/, 5/, 6/
(TA = -55°C to +125°C)
ANALOG SIGNAL INPUTS
SYM
PARAMETER
MIN
TYP
MAX UNITS
SIN, COS, REF, VCOIN,
INTIN1, INTIN2,
BPF1, BPF2
VSIN,
VCOS,
VREF
Voltage measurement made
between ± inputs 9/
1.0
1.3
1.5
VRMS
FREF
Frequency 1/
45
-
30K
Hz
DC Resistance 3/
2.5
-
-
M
Capacitance
3/-
5
15
pF
DC Bias on -Sin, -Cos 3/-
VCC/2
-
VDC
Bias Current 3/
+25°C
-100
-
+100
nA
+125°C
-1000
-
+1000
nA
DIGITAL INPUTS
ENABLE, DATALOAD
SC2, SC1,
INH 3/
VIL
Logic Low
-
-
0.8
VDC
VIH
Logic High
2
-
-
VDC
IIN
Leakage Current
+25°C
-200
-
+200
nA
+125°C
-2000
-
+2000
nA
DC Resistance
2.5
-
-
M
Capacitance
-
5
15
pF
DIGITAL OUTPUTS
BUSY, RIPPLE
CW/CCW 3/
VOL
Logic Low @ 1.6mA
-
-
0.3
VDC
VOH
Logic High @ -1.6mA
VLI/O - 0.8
-
-
VDC
DIGITAL I/O
B1 - B16 7/ 3/VIL
Logic Low
-
-
0.8
VDC
VIH
Logic High
2
-
-
VDC
VOL
Logic Low @ 1.6mA
-
-
0.3
VDC
VOH
Logic High @ -1.6mA
VLI/O - 0.8
-
-
VDC
IIN
Leakage Current
+25°C
-200
-
+200
nA
+125°C
-2000
-
+2000
nA
IZ
High-Z Leakage Current
+25°C
-200
-
+200
nA
+125°C
-2000
-
+2000
nA
ELECTRICAL CHARACTERISTICS 2/, 5/, 6/
(TA = -55°C to +125°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com