Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDC5028C Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 10Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 11Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 16Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
READING THE ACT 5028B
The Busy signal is asynchronous to the Read signal created by the interface circuit that reads it. Because of
the asynchronous nature of the system (inherent with other Resolver to Digital Converters) the designer
must be careful when reading the digital interface.
The implementation of reading the RDC is accomplished in one of two ways, using a CPU/MPU or using an
FPGA. The best method for reading the counter may also depend on the rep rate of the counter clock that
can vary from 0 to 1µS.
The Busy pulse is instrumental in reading stable data from the RDC5028. The Busy pulse will be present for
the following two situations:
1) When ever data is incremented or decremented in the RDC counter.
2) Directly after the trailing positive going edge of /INH (see A within example 5 timing diagram).
Based on 1 above there are many methods that can be implemented to synchronize the reading of data
from the RDC5028, below are a few examples:
Example 1: If the only time a read will occur is after the RDC has stopped (0 rps) there will be no
Busy signal to contend with.
Example 2: Knowing the Busy rep rate an Interrupt to a CPU or Logic can be developed from the
Busy pulse for the system to Read the RDC chip as long as the read is guaranteed to
occur prior to the next Busy pulse.
Example 3: As long as the resolver is rotating the Busy Pulse can be used to indicate stable data to
be sampled on leading or trailing edge.
Example 4: Ignore Busy and perform two reads back to back and compare, if they are equal you
have good data. The designer should be aware of the rep rate of Busy which is equal to
the clock rate of the counter. In most cases the angular velocity is < 3 rps in which case
with a 16 bit counter rep rate would be (1 / 216 * 3) 5µS. In this situation the reads would
like to be within 5µs of each other and the LSB would be ignored. Although this method
would be easier to implement with a CPU it could also be done in an FPGA.
Example 5: The circuit below ignores the Busy signal but insures sampling of stable data. The clock
should be a least 10MHz, the /RD pulse should be a minimum of 1.2µs (to insure
minimum /INH pulse width of 400ns), the sampling of data should be taken on the rising
edge of the signal /RD. The /RD signal is synced up with the CLK such that the sampling
on the D latch occurs on the opposite edge of the /RD transition.
/INH & /EN
Busy
Q
/Q
D
CK
CLK
Q
/Q
D
CK
/RD
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com