Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 12Page - ASIX Electronics Corporation AX88796L Datasheet HTML 13Page - ASIX Electronics Corporation AX88796L Datasheet HTML 14Page - ASIX Electronics Corporation AX88796L Datasheet HTML 15Page - ASIX Electronics Corporation AX88796L Datasheet HTML 16Page - ASIX Electronics Corporation AX88796L Datasheet HTML 17Page - ASIX Electronics Corporation AX88796L Datasheet HTML 18Page - ASIX Electronics Corporation AX88796L Datasheet HTML 19Page - ASIX Electronics Corporation AX88796L Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
ASIX ELECTRONICS CORPORATION
16
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
2.8 Miscellaneous pins group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
LCLK/XTALIN
I
79
CMOS Local Clock : A 25Mhz clock, +/- 100 PPM, 40%-60% duty
cycle. The signal not supports 5 Volts tolerance.
Crystal Oscillator Input : A 25Mhz crystal, +/- 25 PPM can be
connected across XTALIN and XTALOUT.
XTALOUT
O
80
Crystal Oscillator Output : A 25Mhz crystal, +/- 25 PPM can be
connected across XTALIN and XTALOUT. If a single-ended external
clock (LCLK) is connected to XTALIN, the crystal output pin should
be left floating.
CLKO25M
O
44
Clock Output : This clock is source from LCLK/XTALIN.
RESET
I/PU
3
Reset :
Reset is active high then place AX88796 into reset mode immediately.
During the falling edge the AX88796 loads the power on setting data.
CPU[1:0]
I/PU
59, 58
CPU type selection:
CPU[1]
CPU[0]
CPU TYPE
0
0
ISA BUS
0
1
80186
1
0
MC68K
1
1
MCS-51 (805X)
IO_BASE[2:1]
IO_BASE[0]
I/PU
I/PD
119, 118,
117
I/O Base Address Selection:
IO_BASE[2] IO_BASE[1] IO_BASE[0]
IO_BASE
0
0
0
300h
0
0
1
320h
0
1
0
340h
0
1
1
360h
1
0
0
380h
1
0
1
3A0h
1
1
0
200h(default)
1
1
1
220h
I_OP
I/PU
116
LED Indicator Option : Selection of LED display mode.
I_OP = 0: I_LK/ACT, I_SPEED and I_FULL/COL LED display
mode.
I_OP = 1: I_LINK, I_SPEED and I_ACT LED display mode. (default)
TEST[2:1]
I/PD
47, 65
Test Pins : Active high
These pins are just for test mode setting purpose only. Must be pull
down or keep no connection when normal operation.
IDDQ
I
46
For test only. Must be pulled down at normal operation.
BIST
I/PD
45
For test only. Must be pulled down or keep no connection when normal
operation.
ZVREG
O
92
This sets the common mode voltage for 10Base-T and 100Base-TX
modes. It should be connected to the center tap of the transmit side of
the transformer
NC
N/A
17, 20, 21,
64, 122, 124,
125
No Connection : for manufacturing test only.
VDD
P
13, 27, 40,
53, 57, 104,
114, 126
Power Supply : +3.3V DC.
VSS
P
14, 28, 34,
43, 52, 54, 63,
94, 105,115,
127
Power Supply : +0V DC or Ground Power.
VDDA
P
56, 69,
Power Supply for Analog Circuit: +3.3V DC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com