Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 33Page - ASIX Electronics Corporation AX88796L Datasheet HTML 34Page - ASIX Electronics Corporation AX88796L Datasheet HTML 35Page - ASIX Electronics Corporation AX88796L Datasheet HTML 36Page - ASIX Electronics Corporation AX88796L Datasheet HTML 37Page - ASIX Electronics Corporation AX88796L Datasheet HTML 38Page - ASIX Electronics Corporation AX88796L Datasheet HTML 39Page - ASIX Electronics Corporation AX88796L Datasheet HTML 40Page - ASIX Electronics Corporation AX88796L Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
ASIX ELECTRONICS CORPORATION
37
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.1.9 Inter-frame gap (IFG) Offset 16H (Read/Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:0
IFG
Inter-frame Gap. Default value 15H.
5.1.10 Inter-frame gap Segment 1(IFGS1) Offset 12H (Read/Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:0
IFG
Inter-frame Gap Segment 1. Default value 0cH.
5.1.11 Inter-frame gap Segment 2(IFGS2) Offset 13H (Read/Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:0
IFG
Inter-frame Gap Segment 2. Default value 12H.
5.1.12 MII/EEPROM Management Register (MEMR) Offset 14H
(Read/Write)
FIELD
NAME
DESCRIPTION
7
EECLK EECLK:
EEPROM Clock
6
EEO
EEO : (Read only)
EEPROM Data Out value. That reflects Pin-48 EEDO value.
5
EEI
EEI
EEPROM Data In. That output to Pin-49 EEDI as EEPROM data input value.
4
EECS
EECS
EEPROM Chip Select
3
MDO
MDO
MII Data Out. The value reflects to Pin-66 MDIO when MDIR=0.
2
MDI
MDI: (Read only)
MII Data In. That reflects Pin-66 MDIO value.
1
MDIR
MII STA MDIO signal Direction
MII Read Control Bit, asserts this bit let MDIO signal as the input signal. Deassert this bit
let MDIO as output signal.
0
MDC
MDC
MII Clock. This value reflects to Pin-67 MDC.
5.1.13 Test Register (TR) Offset 15H (Write)
FIELD
NAME
DESCRIPTION
7:5
-
Reserved
4
TF16T
Test for Collision, default value is logic 0 (User always keep the default value unchanged)
3
TPE
Test pin Enable, default value is logic 0 (User always keep the default value unchanged)
2:0
IFG
Select Test Pins Output, default value is logic 0 (User always keep the default value
unchanged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com