Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 52 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 52 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 48Page - ASIX Electronics Corporation AX88796L Datasheet HTML 49Page - ASIX Electronics Corporation AX88796L Datasheet HTML 50Page - ASIX Electronics Corporation AX88796L Datasheet HTML 51Page - ASIX Electronics Corporation AX88796L Datasheet HTML 52Page - ASIX Electronics Corporation AX88796L Datasheet HTML 53Page - ASIX Electronics Corporation AX88796L Datasheet HTML 54Page - ASIX Electronics Corporation AX88796L Datasheet HTML 55Page - ASIX Electronics Corporation AX88796L Datasheet HTML 56Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
ASIX ELECTRONICS CORPORATION
52
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
6.3 MC68K CPU bus type access functions.
68K bus I/O Read function
Function Mode
/CS
/UDS
/LDS
R/W
SD[15:8]
SD[7:0]
Standby Mode
H
X
X
X
High-Z
High-Z
Byte Access
L
L
H
L
L
H
H
H
Not Valid
Even-Byte
Odd-Byte
Not Valid
Word Access
L
L
L
H
Even-Byte
Odd-Byte
68K bus I/O Write function
Function Mode
/CS
/UDS
/LDS
R/W
SD[15:8]
SD[7:0]
Standby Mode
H
X
X
X
X
X
Byte Access
L
L
H
L
L
H
L
L
X
Even-Byte
Odd-Byte
X
Word Access
L
L
L
L
Even-Byte
Odd-Byte
6.4 MCS-51 CPU bus type access functions.
8051 bus I/O Read function
Function Mode
/CS
/PSEN
SA0
/IORD
/IOWR
SD[15:8]
SD[7:0]
Standby Mode
H
X
X
L
X
X
X
X
X
X
High-Z
High-Z
High-Z
High-Z
Byte Access
L
L
H
H
L
H
L
L
H
H
Not Valid
Not Valid
Even-Byte
Odd-Byte
8051 bus I/O Write function
Function Mode
/CS
/PSEN
SA0
/IORD
/IOWR
SD[15:8]
SD[7:0]
Standby Mode
H
X
X
L
X
X
X
X
X
X
X
X
X
X
Byte Access
L
L
H
H
L
H
H
H
L
L
X
X
Even-Byte
Odd-Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com