Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 44 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 44 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 40Page - ASIX Electronics Corporation AX88796L Datasheet HTML 41Page - ASIX Electronics Corporation AX88796L Datasheet HTML 42Page - ASIX Electronics Corporation AX88796L Datasheet HTML 43Page - ASIX Electronics Corporation AX88796L Datasheet HTML 44Page - ASIX Electronics Corporation AX88796L Datasheet HTML 45Page - ASIX Electronics Corporation AX88796L Datasheet HTML 46Page - ASIX Electronics Corporation AX88796L Datasheet HTML 47Page - ASIX Electronics Corporation AX88796L Datasheet HTML 48Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
ASIX ELECTRONICS CORPORATION
44
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.6 MR5 –Autonegotiation Link Partner(LP)Ability Register (Next Page)Bit
Descriptions
FIELD
TYPE
DESCRIPTION
5.15
(LP_NEXT_PAGE)
R
Next Page. When this bit is set to logic 0, it indicates that this is the last
page to be transmitted. Logic 1 indicates that additional pages will follow.
5.14 (LP_ACK)
R
Acknowledge. When this bit is set to a logic 1, it indicates that the link
partner has successfully received its partner’s link code word.
5.13
(LP__MES_PAGE)
R
Message Page. This bit is used by the NEXT _PAGE function to
differentiate a message page (logic 1) from an unformatted page (logic 0).
5.12 (LP_ACK2)
R
Acknowledge 2. This bit is used by the NEXT_PAGE function to indicate
that a device has the ability to comply with the message (logic 1) or not
(logic 0).
5.11 (LP_TOGGLE)
R
Toggle. This bit is used by the arbitration function to ensure
synchronization with the link partner during next page exchange. Logic 0
indicates that the previous value of the transmitted link code word was logic
1. Logic 1 indicates that the previous value of the transmitted link code word
was logic 0.
5.10:0 (MCF)
R
Message/Unformatted Code Field. With these 11 bits, there are 2048
possible messages. Message code field definitions are described in annex
28C of the IEEE 802.3u standard.
5.2.7 MR6 – Autonegotiation Expansion Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
6.15:5 (RESERVED)
R
Reserved.
6.4
(PAR_DET_FAULT)
R/LH
Parallel Detection Fault. When this bit is set to 1, it indicates that a fault
has been detected in the parallel detection function. This fault is due to more
than one technology detecting concurrent link conditions. This bit can only
be cleared by reading this register.
6.3
(LP_NEXT_PAGE_AB
LE)
R
Link Partner Next Page Able. When this bit is set to 1, it indicates that the
link partner supports the next page function.
6.2
(NEXT_PAGE_ABLE)
R
Next Page Able. This bit is set to 1, indicating that this device supports the
NEXT_PAGE function.
6.1 (PAGE_REC)
R/LH
Page Received. When this bit is set to 1, it indicates that a NEXT_PAGE
has been received.
6.0
(LP_NWAY_ABLE)
R
Link Partner Autonegotiation Capable. When this bit is set to 1, it
indicates that the link partner is autonegotiation capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com