Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 47 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 47 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 43Page - ASIX Electronics Corporation AX88796L Datasheet HTML 44Page - ASIX Electronics Corporation AX88796L Datasheet HTML 45Page - ASIX Electronics Corporation AX88796L Datasheet HTML 46Page - ASIX Electronics Corporation AX88796L Datasheet HTML 47Page - ASIX Electronics Corporation AX88796L Datasheet HTML 48Page - ASIX Electronics Corporation AX88796L Datasheet HTML 49Page - ASIX Electronics Corporation AX88796L Datasheet HTML 50Page - ASIX Electronics Corporation AX88796L Datasheet HTML 51Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
ASIX ELECTRONICS CORPORATION
47
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.13 MR21 –RXER Counter Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
21.0
W
This bit, when 0 puts this register in 16-bit counter mode. When 1, it puts
this register in 8-bit counter mode. This bit is reset to a 0 and cannot be read.
21.15:0
R
When in 16-bit counter mode, these maintain a count of RXERs. It is reset
on a read operation.
21.7:0
R
When in 8-bit counter mode, these maintain a count of RXERs. It is reset on
a read operation
21.11:8
R
When in 8-bit mode, these contain a count of false carrier events (802.3
section 27.3.1.5.1). It is reset on a read operation.
21.15:12
R
When in 8-bit mode, these contain a count of disconnect events (Link
Unstable 6, 802.3 section 27.3.1.5.1). It is reset on a read operation.
5.2.14 MR28 –Device-Specific Register 1 (Status Register) Bit Descriptions
FIELD
TYPE
DESCRIPTION
28.15:9 (UNUSED)
R
Unused. Read as 0.
28.8 (BAD_FRM)
R/LH
Bad Frame. If this bit is a 1, it indicates a packet has been received without
an SFD. This bit is only valid in 10Mbits/s mode.
This bit is latching high and will only clear after it has been read or the
device has been reset.
28.7 (CODE)
R/LH
Code Violation. When this bit is a 1, it indicates a Manchester code
violation has occurred. The error code will be output on the MRXD lines.
Refer to Table 1 for a detailed description of the MRXD pin error codes.
This bit is only valid in 10Mbits/s mode.
This bit is latching high and will only clear after it has been read or the
device has been reset.
28.6 (APS)
R
Autopolarity Status. When register 30, bit 3 is set and this bit is a 1, it
indicates the PHY has detected and corrected a polarity reversal on the
twisted pair.
If the APF_EN bit (register 30, bit 3) is set, the reversal will be corrected
inside the PHY. This bit is not valid in 100Mbits/s operation.
28.5 (DISCON)
R/LH
Disconnect. If this bit is a 1, it indicates a disconnect. This bit will latch
high until read. This bit is only valid in 100Mbits/s mode.
28.4 (UNLOCKED)
R/LH
Unlocked. Indicates that the TX scrambler lost lock. This bit will latch high
until read. This bit is only valid in 100Mbits/s mode.
28.3 (RXERR_ST)
R/LH
RX Error Status. Indicates a false carrier. This bit will latch high until
read. This bit is only valid in 100Mbits/s mode.
28.2 (FRC_JAM)
R/LH
Force Jam. This bit will latch high until read. This bit is only valid in
100Mbits/s mode.
28.1 (LNK100UP)
R
Link Up 100. This bit, when set to a 1, indicates a 100Mbits/s transceiver is
up and operational.
28.0 (LNK10UP)
R
Link Up 10. This bit, when set to a 1, indicates a 10Mbits/s transceiver is up
and operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com