Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 35Page - ASIX Electronics Corporation AX88796L Datasheet HTML 36Page - ASIX Electronics Corporation AX88796L Datasheet HTML 37Page - ASIX Electronics Corporation AX88796L Datasheet HTML 38Page - ASIX Electronics Corporation AX88796L Datasheet HTML 39Page - ASIX Electronics Corporation AX88796L Datasheet HTML 40Page - ASIX Electronics Corporation AX88796L Datasheet HTML 41Page - ASIX Electronics Corporation AX88796L Datasheet HTML 42Page - ASIX Electronics Corporation AX88796L Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
ASIX ELECTRONICS CORPORATION
39
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.1.17 SPP Data Port Register (SPP_DPR) Offset 18H (Read/Write)
FIELD
NAME
DESCRIPTION
7:0
DP
Printer Data Port. Default is in input mode. Write /DOE of SPP_CPR register to logic “0”
to enable print data output to printer as bi-directional mode.
5.1.18 SPP Status Port Register (SPP_SPR) Offset 19H (Read)
FIELD
NAME
DESCRIPTION
7
/BUSY
Reading a ‘0’ indicates that the printer is not ready to receive new data.
The register reflects the inverted value of BUSY pin.
6
/ACK
Reading a ‘0’ indicates that the printer has received the data and is ready to accept new data.
The register reflects the value of /ACK pin.
5
PE
Reading a ‘1’ indicates that the printer is out of paper.
The register reflects the value of PE pin.
4
SLCT
Reading a ‘1’ indicates that the printer has power on.
The register reflects the value of SLCT pin.
3
/ERR
Reading a ‘0’ indicates that there is an error condition at the printer.
The register reflects the value of /ERR pin.
2:0
-
Reserved
5.1.19 SPP Command Port Register (SPP_CPR) Offset 1AH (Read/Write)
FIELD
NAME
DESCRIPTION
7:6
-
Reserved
5
/DOE
Setting to ‘0’ enables print data output to printer. Default sets to ‘1’.
4
IRQEN IRQ enable : printer port interrupt is not supported.
3
SLCTIN Setting to ‘1’ selects the printer.
/SLIN pin reflects the inverted value of this signal.
2
/INIT
Setting to ‘0’ initiates the printer
/INIT pin reflects the value of this signal.
1
ATFD
Setting to ‘1’ causes the printer to automatically feed one line after each line is printed.
/ATFD pin reflects the inverted value of this signal.
0
STRB
Setting a low-high-low pulse on this register is used to strobe the print data into the printer.
/STRB pin reflects the inverted value of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com