Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 49 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 49 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 45Page - ASIX Electronics Corporation AX88796L Datasheet HTML 46Page - ASIX Electronics Corporation AX88796L Datasheet HTML 47Page - ASIX Electronics Corporation AX88796L Datasheet HTML 48Page - ASIX Electronics Corporation AX88796L Datasheet HTML 49Page - ASIX Electronics Corporation AX88796L Datasheet HTML 50Page - ASIX Electronics Corporation AX88796L Datasheet HTML 51Page - ASIX Electronics Corporation AX88796L Datasheet HTML 52Page - ASIX Electronics Corporation AX88796L Datasheet HTML 53Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
ASIX ELECTRONICS CORPORATION
49
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.16 MR30 –Device-Specific Register 3 (10Mbps Control) Bit Descriptions
FIELD
TYPE
DESCRIPTION
30.15 (Test10TX)
R/W
When high and 10Base-T is powered up, a continuous 10 MHz signal
(1111) will be transmitted. This is only meant for testing. Default 0.
30.14 (RxPLLEn)
R/W
When high, all 10Base-T logic will be powered up when the link is up.
Otherwise, portions of the logic will be powered down when no data is being
received to conserve power. Default is 0.
30.13 (JAB_DIS)
R/W
Jabber Disable. When this bit is 1, disables the jabber function of the
10Base-T receive. Default is 0.
30.12:7 (UNUSED)
R/W
Unused. Read as 0.
30.6 (LITF_ENH)
R/W
Enhanced Link Integrity Test Function. When high, function is enabled.
This is ORed with the LITF_ENH input. Default is 0.
30.5 (HBT_EN)
R/W
Heartbeat Enable. When this bit is a 1, the heartbeat function will be
enabled. Valid in 10Mbits/s mode only.
30.4 (ELL_EN)
R/W
Extended Line Length Enable. When this bit is a 1, the receive squelch
levels are reduced from a nominal 435 mV to 350 mV, allowing reception of
signals with a lower amplitude. Valid in 10Mbits/s mode only.
30.3 (APF_EN)
R/W
Autopolarity Function Disable. When this bit is a 0 and the PHY is in 10
Mbits/s mode, the autopolarity function will determine if the TP link is
wired with a polarity reversal.
If there is a polarity reversal, the PHY will assert the APS bit (register 28, bit
6) and correct the polarity reversal. If this bit is a 1 and the device is in 10
Mbits/s mode, the reversal will not be corrected.
30.2 (RESERVED)
R/W
Reserved.
30.1 (SERIAL _SEL)
R/W
Serial Select. When this bit is set to a 1, 10Mbits/s serial mode will be
selected. When the PHY is in 100Mbits/s mode, this bit will be ignored.
30.0 (ENA_NO_LP)
R/W
No Link Pulse Mode. Setting this bit to a 1 will allow 10Mbits/s operation
with link pulses disabled. If the PHY is configured for 100Mbits/s operation,
setting this bit will not affect operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com