Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796L Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX88796L
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796L Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX88796L Datasheet HTML 36Page - ASIX Electronics Corporation AX88796L Datasheet HTML 37Page - ASIX Electronics Corporation AX88796L Datasheet HTML 38Page - ASIX Electronics Corporation AX88796L Datasheet HTML 39Page - ASIX Electronics Corporation AX88796L Datasheet HTML 40Page - ASIX Electronics Corporation AX88796L Datasheet HTML 41Page - ASIX Electronics Corporation AX88796L Datasheet HTML 42Page - ASIX Electronics Corporation AX88796L Datasheet HTML 43Page - ASIX Electronics Corporation AX88796L Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
ASIX ELECTRONICS CORPORATION
40
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2 The Embedded PHY Registers
The MII management 16-bit register set implemented is as follows. And the following sub-section will describes each
field of the registers. The format for the “FIELD” descriptions is as follows: the first number is the register number, the
second number is the bit position in the register and the name of the instantiated pad is in capital letters. The format for
the “TYPE” descriptions is as follows: R = read, W = write, LH = latch high, NA = not applicable.
ADDRESS
NAME
DESCRIPTION
DEFAULT(Hex Code)
0
MR0
Control
3000h
1
MR1
Status
7849h
2
MR2
PHY Identifier 1
0180h
3
MR3
PHY Identifier 2
BB10h
4
MR4
Autonegotiation Advertisement
01E1h
5
MR5
Autonegotiation Link Partner Ability
0000
6
MR6
Autonegotiation Expansion
0000
7
MR7
Next Page Transmit
0000
8 - 15
MR8 -15 (Reserved)
-
16
MR16
PCS Control Register
0000
17
MR17
Autonegotiation (read register A)
0000
18
MR18
Autonegotiation (read register B)
0000
19
MR19
Analog Test Register
-
20
MR20
User-defined Register
-
21
MR21
RXER Counter
0000
22 - 24
MR22 -24 Analog Test Registers
-
25 - 27
MR25 -27 Analog Test (tuner) Registers
-
28
MR28
Device Specific 1
-
29
MR29
Device Specific 2
2080
30
MR30
Device Specific 3
0000
31
MR31
Quick Status Register
-
Tab - 14 The Embedded PHY Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com