Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 38 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments TUSB3210 Datasheet HTML 40Page - Texas Instruments TUSB3210 Datasheet HTML 41Page - Texas Instruments TUSB3210 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
2–26
2.11.5 Page Write Operation
Page write operation is initiated the same way as byte write, with the exception that stop condition is not generated
after the first EEPROM [DATA] is transmitted. The following describes the sequence of writing 32-bytes in page mode:
Device Address + EEPROM [High-byte]
•
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller to not generate a stop condition after the content
of I2CDAO register is transmitted.
•
MCU writes the device address (R/W bit = 0) to I2CADR register (write operation)
•
MCU writes the high-byte of the EEPROM address into I2CDAO register.
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CADR register is transmitted to the device (preceded by start condition on SDA)
•
The content of I2CDAO register is transmitted to the device (EEPROM address)
•
TXE bit in I2CSTA is set, and interrupt the MCU, indicating that I2CDAO register has been sent.
EEPROM [Low-byte]
•
MCU writes the low-byte of the EEPROM address into I2CDAO register
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CDAO register is transmitted to the device. (EEPROM address)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been sent.
31 Bytes EEPROM [DATA]
•
MCU writes the DATA to be written to the EEPROM into I2CDAO register
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CDAO register is transmitted to the device (EEPROM data)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been sent.
•
This operation repeats 31 times.
Last Byte EEPROM [DATA]
•
MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the content
of I2CDAO register is transmitted.
•
MCU writes the last DATA byte to be written to the EEPROM into I2CDAO register
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CDAO register is transmitted to the EEPROM (EEPROM data)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been sent
•
I2C controller generates a stop condition after the content of I2CDAO register is transmitted
•
END of 32-byte page write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com