Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 20Page - Texas Instruments TUSB3210 Datasheet HTML 21Page - Texas Instruments TUSB3210 Datasheet HTML 22Page - Texas Instruments TUSB3210 Datasheet HTML 23Page - Texas Instruments TUSB3210 Datasheet HTML 24Page - Texas Instruments TUSB3210 Datasheet HTML 25Page - Texas Instruments TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
2–12
2.5.2
IEPBCNT_0: Input Endpoint-0 Byte Count Register
7
6
5
4
3
210
NAK
RSV
RSV
RSV
C3
C2
C1
C0
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
3–0
C[3:0]
0000
Byte count:
0000b > Count = 0
:
:
0111b > Count =7
1000b > Count = 8
1001b to 1111b are reserved. (If used, defaults to 8)
6–4
RSV
0
Reserved
7
NAK
1
NAK= 0 Buffer contains a valid packet for host-in transaction
NAK= 1 Buffer is empty (host-in request is NAK)
2.5.3
OEPCNFG_0: Output Endpoint-0 Configuration Register
7
6
5
4
3
210
UBME
RSV
TOGLE
RSV
STALL
USBIE
RSV
RSV
R/W
R/O
R/O
R/O
R/W
R/W
R/O
R/O
BIT
NAME
RESET
FUNCTION
1–0
RSV
0
Reserved
2
USBIE
0
USB interrupt enable on transaction completion. Set/clear by MCU
USBIE = 0 no interrupt
USBIE = 1 interrupt on transaction completion
3
STALL
0
USB stall condition indication. Set/clear by MCU.
STALL = 0
No stall
STALL = 1
USB stall condition. If set by MCU, a STALL handshake is initiated and the bit is cleared
automaticallly.
4
RSV
0
Reserved
5
TOGLE
0
USB toggle bit. This bit reflects the toggle sequence bit of DATA0, DATA1
6
RSV
0
Reserved
7
UBME
0
UBM enable/disable bit. Set/clear by MCU.
UBME = 0 UBM cannot use this endpoint.
UBME = 1 UBM can use this endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com