Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 24Page - Texas Instruments TUSB3210 Datasheet HTML 25Page - Texas Instruments TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
2–16
2.6.4
USBCTL: USB Control Register
Unlike the other registers, this register is cleared by the power-up-reset signal only. The USB-reset cannot reset this
register. (See Figure 2–3: Reset Diagram)
7
6
5
4
3
210
CONT
RSV
RWUP
FRSTE
RWE
B/S
SIR
DIR
R/W
R/O
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
DIR
0
As a response to a setup packet, the MCU will decode the request and set or clear this bit to reflect the data
transfer direction.
DIR = 0 > USB data OUT transaction. (From host to TUSB3210)
DIR = 1 > USB data IN transaction. (From TUSB3210 to host)
1
SIR
0
SETUP interrupt status bit. This bit is controlled by the MCU to indicate to the hardware when SETUP
interrupt is being served.
SIR = 0
SETUP interrupt is not served. MCU will clear this bit before exiting the SETUP interrupt
routine.
SIR = 1
SETUP interrupt is in progress. MCU will set this bit when servicing the SETUP interrupt.
2
B/S
0
Bus/Self power control bit
B/S = 0 > The device is bus-powered
B/S = 1 > The device is self-powered
3
RWE
0
Remote wake-up enable bit.
RWE = 0
MCU clears it when host sends command to clear the feature.
RWE = 1
MCU writes 1 to it when host sends set device feature command to enable remote wake-up
feature
4
FRSTE
1
Function reset connection bit. This bit connects/disconnects the USB function reset from the MCU reset.
FRSTE = 0 function reset is not connected to MCU reset
FRSTE = 1 function reset is connected to MCU reset
5
RWUP
0
Device remote wake-up request. This bit is set by MCU and is cleared automatically.
RWUP = 0
Writing a 0 to this bit has no effect.
RWUP = 1
When MCU writes a 1, a Remote wake-up pulse is generated.
6
RSV
0
Reserved
7
CONT
0
Connect/Disconnect Bit
CONT = 0 Upstream port is disconnected. Pullup disabled
CONT = 1 Upstream port is connected. Pullup enabled
2.6.5
VIDSTA: VID/PID Status Register
This register is used to read the value on four external pins. The firmware can use this value to select one of the vendor
identification/product identifications (VID/PID) stored in memory. The TUSB3210/D supports up to 16 unique
VID/PIDs with application code to support different products. This provides a unique opportunity for original
equipment manufacturers (OEM) to have one device ROM programmed to support up to 16 different product lines
by using S0–S3 to select VID/PID and behavioral application code for the selected product.
7
6
5
4
3
210
RSV
RSV
RSV
RSV
S3
S2
S1
S0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3–0
S[3:0]
x
VID/PID selection bits. These bits reflect the status of the external pins as defined by Table 2–7. Note that a
pin tied Low will be reflected as 0 and a pin tied high will be reflected as a 1.
7–4
RSV
0
Reserved = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com