Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 4Page - Texas Instruments TUSB3210 Datasheet HTML 5Page - Texas Instruments TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1–2
1.2
Functional Block Diagram
RSTI
8052
Core
8
6K x 8
ROM
8K x 8
RAM[1]
512 x 8
SRAM
CPU – I/F
Suspend/
Resume
UBM
USB Buffer
Manager
TDM
Control
Logic
USB
SIE
USB
TxR
8
8
8
8
8
USB-0
PLL
and
Dividers
Clock
Oscillator
12 MHz
8
2 x 16-Bit
Timers
I2C
Controller
8
8
Reset,
Interrupt
and WDT
8
P0.[7:0]
8
P1.[7:0]
8
P2.[7:0]
8
P3.[7:0]
I2C Bus
Port-0
Port-1
Port-2
Port-3
Logic
[1] The TUSB3210 has 8K x 8 RAM for development. 8k x 8 ROM version available. Contact TI Marketing
Figure 1–1. TUSB3210 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com