Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments TUSB3210 Datasheet HTML 40Page - Texas Instruments TUSB3210 Datasheet HTML 41Page - Texas Instruments TUSB3210 Datasheet HTML 42Page - Texas Instruments TUSB3210 Datasheet HTML 43Page - Texas Instruments TUSB3210 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
4–1
4 Application
4.1
Examples
Figure 4–1 illustrates the Port-3 pins that are assigned to drive the four example LEDs. For the connection example
shown, P3[7:4] can sink up to 12 mA (open-drain output). Figure 4–2 illustrates the partial connection bus power
mode. Figure 4–3 shows the USB upstream connection, and Figure 4–4 illustrates the downstream connection (only
one port shown).
TUSB3210
P3.2
P3.3
P3.4
P3.5
VCC
Figure 4–1. Example LED Connection
C3
R1
R2
R3
R4
R5
VCC
VCC
EPROM
VCC
VCC
VDDOUT
VREN
SUSP
C4
C5
X1
X2
SCL
SDA
TUSB3210
C2
VR
TPS76333
C1
5 V
Figure 4–2. Partial Connection Bus Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com