Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments TUSB3210 Datasheet HTML 20Page - Texas Instruments TUSB3210 Datasheet HTML 21Page - Texas Instruments TUSB3210 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
2–6
Table 2–2. Memory Mapped Registers Summary (XDATA Range = FF80
→ FFF) (Continued)
ADDRESS
REGISTER
DESCRIPTION
FF91
RESERVED
FF90
MCNFG
MCNFG: MCU configuration register
↑
RESERVED
FF84
INTCFG
INTCFG: Interrupt delay configuration register
FF83
OEPBCNT_0
OEPBCNT_0: Output endpoint-0 byte count register
FF82
OEPCNFG_0
OEPCNFG_0: Output endpoint-0 configuration register
FF81
IEPBCNT_0
IEPBCNT_0: Input endpoint-0 byte count register
FF80
IEPCNFG_0
IEPCNFG_0: Input endpoint-0 configuration register
Table 2–3. EDB and Buffer Allocations in XDATA
ADDRESS
DESCRIPTION
FF7F
↑
(32–bytes)
RESERVED
(32 bytes)
RESERVED
FF60
FF5F
↑
(8–bytes)
Input endpoint_3: configuration
FF58
(8 bytes)
In ut end oint_3: configuration
FF57
↑
(8–bytes)
Input endpoint_2: configuration
FF50
(8 bytes)
In ut end oint_2: configuration
FF4F
↑
(8–bytes)
Input endpoint_1: configuration
FF48
(8 bytes)
In ut end oint_1: configuration
FF47
↑
(40–bytes)
RESERVED
FF20
FF1F
↑
(8–bytes)
Output endpoint_3: configuration
FF18
(8 bytes)
Out ut end oint_3: configuration
FF17
↑
(8–bytes)
Output endpoint_2: configuration
FF10
(8 bytes)
Out ut end oint_2: configuration
FF0F
↑
(8–bytes)
Output endpoint_1: configuration
FF08
(8 bytes)
Out ut end oint_1: configuration
FF07
↑
(8–bytes)
Setup packet block
FF00
(8 bytes)
Setu
acket block
FEFF
↑
(8–bytes)
Input endpoint_0 buffer
FEF8
(8 bytes)
In ut end oint_0 buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com