Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments TUSB3210 Datasheet HTML 35Page - Texas Instruments TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments TUSB3210 Datasheet HTML 40Page - Texas Instruments TUSB3210 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
2–25
•
MCU reads I2CDAI register, clearing RXF bit (I2CSTA[RXF] = 0)
•
This operation repeats 31 times
3.
Last-Byte read (byte No. 32)
•
MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after I2CDAI
register is received
•
Data from the device is latched in I2CDAI register (Stop condition is transmitted)
•
RXF bit in I2CSTA is set, and interrupt the MCU, indicating that data is available
•
MCU reads I2CDAI register, clearing RXF bit (I2CSTA[RXF] = 0)
•
END
2.11.4 Write Operation (Serial EEPROM)
Byte write operation involves three phases: 1) device address + EEPROM [High–byte] phase, 2) EEPROM
[Low–byte] phase, and 3) EEPROM [DATA]. The following describes the sequence of events to accomplish the byte
write transaction:
Device Address + EEPROM [High-byte]
•
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller to not generate a stop condition after the content
of I2CDAO register is transmitted.
•
MCU writes the device address (R/W bit = 0) to I2CADR register (write operation)
•
MCU writes the high-byte of the EEPROM address into I2CDAO register, starting the transfer on SDA line
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CADR register is transmitted to the device (preceded by start condition on SDA)
•
The content of I2CDAO register is transmitted to the device (EEPROM high-address)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been transmitted
EEPROM [Low-byte]
•
MCU writes the low–byte of the EEPROM address into I2CDAO register
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CDAO register is transmitted to the device (EEPROM address)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been transmitted
EEPROM [DATA]
•
MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the content
of I2CDAO register is transmitted.
•
MCU writes the DATA to be written to the EEPROM into I2CDAO register
•
TXE bit in I2CSTA is cleared, indicating busy
•
The content of I2CDAO register is transmitted to the device (EEPROM data)
•
TXE bit in I2CSTA is set, and interrupts the MCU, indicating that I2CDAO register has been transmitted
•
I2C controller generates a stop condition after the content of I2CDAO register is transmitted
•
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com