Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3210 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB3210 Datasheet HTML 1Page - Texas Instruments TUSB3210 Datasheet HTML 2Page - Texas Instruments TUSB3210 Datasheet HTML 3Page - Texas Instruments TUSB3210 Datasheet HTML 4Page - Texas Instruments TUSB3210 Datasheet HTML 5Page - Texas Instruments TUSB3210 Datasheet HTML 6Page - Texas Instruments TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
iii
Contents
Section
Title
Page
1
Introduction
1–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.1
Features
1–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
Functional Block Diagram
1–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.3
Terminal Assignments
1–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.4
Ordering Information
1–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5
Terminal Functions
1–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
Functional Description
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.1
MCU Memory Map
2–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.2
Miscellaneous Registers
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.2.1
TUSB3210 Boot Operation
2–2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2.2.2
MCNFG: MCU Configuration Register
2–3
. . . . . . . . . . . . . . . . .
2.2.3
PUR_n: GPIO Pullup Register for Port n (n = 0 to 3)
2–3
. . . . .
2.2.4
INTCFG: Interrupt Configuration
2–3
. . . . . . . . . . . . . . . . . . . . . .
2.2.5
WDCSR: Watchdog Timer, Control, and Status Register
2–4
.
2.2.6
PCON: Power Control Register (at SFR 87h)
2–4
. . . . . . . . . . .
2.3
Buffers + I/O RAM Map
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.4
Endpoint Descriptor Block (EDB-1 to EDB-3)
2–7
. . . . . . . . . . . . . . . . . . . .
2.4.1
OEPCNF_n: Output Endpoint Configuration
2–7
. . . . . . . . . . .
2.4.2
OEPBBAX_n: Output Endpoint X-Buffer Base-Address
2–8
. .
2.4.3
OEPBCTX_n: Output Endpoint X Byte Count
2–8
. . . . . . . . . .
2.4.4
OEPBBAY_n: Output Endpoint Y-Buffer Base-Address
2–8
. .
2.4.5
OEPBCTY_n: Output Endpoint Y Byte Count
2–8
. . . . . . . . . . .
2.4.6
OEPSIZXY_n: Output Endpoint X/Y Byte Count
2–9
. . . . . . . .
2.4.7
IEPCNF_n: Input Endpoint Configuration
2–9
. . . . . . . . . . . . . .
2.4.8
IEPBBAX_n: Input Endpoint X-Buffer Base-Address
2–9
. . . . .
2.4.9
IEPBCTX_n: Input Endpoint X-Byte Base-Address
2–10
. . . . . .
2.4.10
IEPBBAY_n: Input Endpoint Y-Buffer Base-Address
2–10
. . . . .
2.4.11
IEPBCTY_n: Input Endpoint Y Byte Count
2–10
. . . . . . . . . . . . .
2.4.12
IEPSIZXY_n: Input Endpoint X/Y-Buffer Size
2–11
. . . . . . . . . . .
2.5
Endpoint-0 Descriptor Registers
2–11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5.1
IEPCNFG_0: Input Endpoint-0 Configuration Register
2–11
. . .
2.5.2
IEPBCNT_0: Input Endpoint-0 Byte Count Register
2–12
. . . . .
2.5.3
OEPCNFG_0: Output Endpoint-0 Configuration
Register
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
2–13
. . .
2.6
USB Registers
2–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.6.1
FUNADR: Function Address Register
2–13
. . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com